Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3771P Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # S3771P
Description  7CH Darlington TR Sink Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

S3771P Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  S3771P Datasheet HTML 1Page - KODENSHI_AUK CORP. S3771P Datasheet HTML 2Page - KODENSHI_AUK CORP. S3771P Datasheet HTML 3Page - KODENSHI_AUK CORP. S3771P Datasheet HTML 4Page - KODENSHI_AUK CORP. S3771P Datasheet HTML 5Page - KODENSHI_AUK CORP. S3771P Datasheet HTML 6Page - KODENSHI_AUK CORP. S3771P Datasheet HTML 7Page - KODENSHI_AUK CORP. S3771P Datasheet HTML 8Page - KODENSHI_AUK CORP. S3771P Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
KSD-I7D002-000
2
Fab. 2011 REV. 00
Product
Name
Input Bias Resistor
Designation
Operating
Temperature
Package
S3771
External
General Purpose
-40~85℃
SOP-16
S3772
7V Zener Diode + 10.5KΩ
14~25V PMOS
-40~85℃
SOP-16
S3773
2.7KΩ
TTL, 5V CMOS
-40~85℃
SOP-16
S3774
10.5KΩ
6~15 PMOS, CMOS
-40~85℃
SOP-16
S3771P
External
General Purpose
-40~85℃
DIP-16
S3772P
7V Zener Diode + 10.5KΩ
14~25V PMOS
-40~85℃
DIP-16
S3773P
2.7KΩ
TTL, 5V CMOS
-40~85℃
DIP-16
S3774P
10.5KΩ
6~15 PMOS, CMOS
-40~85℃
DIP-16
◈ Product Line-up
S377x
INPUT
GND
OUTPUT
COMMON
7.2k
3k
S3771
GND
OUTPUT
COMMON
7.2k
3k
S3772
10.5k
INPUT
GND
OUTPUT
COMMON
7.2k
3k
S3773
2.7k
INPUT
GND
OUTPUT
COMMON
7.2k
3k
S3774
10.5k
◈ Schematics ( Each Driver)


Similar Part No. - S3771P

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S37701 KODENSHI-S37701 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
S37701P KODENSHI-S37701P Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
S37702 KODENSHI-S37702 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
S37702p KODENSHI-S37702p Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
S37703 KODENSHI-S37703 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
More results

Similar Description - S3771P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_11 Datasheet
328Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62007P TOSHIBA-TD62007P Datasheet
237Kb / 6P
   7CH DARLINGTON SINK DRIVER
TD62008AP TOSHIBA-TD62008AP Datasheet
251Kb / 6P
   7CH DARLINGTON SINK DRIVER
ULN2003AP TOSHIBA-ULN2003AP Datasheet
374Kb / 11P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_15 Datasheet
391Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2004 UTC-ULN2004_10 Datasheet
212Kb / 8P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62008AFWG TOSHIBA-TD62008AFWG Datasheet
171Kb / 8P
   7ch Darlington Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com