Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3772 Datasheet(PDF) 6 Page - KODENSHI_AUK CORP.

Part # S3772
Description  7CH Darlington TR Sink Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

S3772 Datasheet(HTML) 6 Page - KODENSHI_AUK CORP.

Back Button S3772 Datasheet HTML 2Page - KODENSHI_AUK CORP. S3772 Datasheet HTML 3Page - KODENSHI_AUK CORP. S3772 Datasheet HTML 4Page - KODENSHI_AUK CORP. S3772 Datasheet HTML 5Page - KODENSHI_AUK CORP. S3772 Datasheet HTML 6Page - KODENSHI_AUK CORP. S3772 Datasheet HTML 7Page - KODENSHI_AUK CORP. S3772 Datasheet HTML 8Page - KODENSHI_AUK CORP. S3772 Datasheet HTML 9Page - KODENSHI_AUK CORP. S3772 Datasheet HTML 10Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
KSD-I7D002-000
6
Fab. 2011 REV. 00
Note 1 : Pulse width 50us, duty cycle 10%
Output impedance 50Ω, tr ≤ 5ns, tf ≤ 10ns
Note 2 : See below
Input Condition
Item Code
RI
VIH
S3771/P
2.7KΩ
3V
S3772/P
0
13V
S3773/P
0
3V
S3774/P
0
8V
Note 3 : CL includes probe and jig capacitance
This IC does not include built-in protection circuits for excess current or overvoltage. If this IC is subjected to excess current
or overvoltage, it may be destroyed. Hence, the utmost care must be taken when systems which incorporate this IC are
designed. Utmost care is necessary in the design of the output line, COMMON and GND line since IC may be destroyed
due to short−circuit between outputs, air contamination fault, or fault by improper grounding.
S377x
8. tON , tOFF
OPEN
VOUT=50V
RL=163Ω
CL=15pF
OUTPUT
RI
PULSE
GENERATOR
INPUT
Note 1
Note 2
Note 3
INPUT
OUTPUT
tr
tf
10%
50%
90%
10%
50%
90%
50us
tON
tOFF
50%
50%
VOL
VOH
VIH
0
Precautions for using


Similar Part No. - S3772

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S37701 KODENSHI-S37701 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
S37701P KODENSHI-S37701P Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
S37702 KODENSHI-S37702 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
S37702p KODENSHI-S37702p Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
S37703 KODENSHI-S37703 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
More results

Similar Description - S3772

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_11 Datasheet
328Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62007P TOSHIBA-TD62007P Datasheet
237Kb / 6P
   7CH DARLINGTON SINK DRIVER
TD62008AP TOSHIBA-TD62008AP Datasheet
251Kb / 6P
   7CH DARLINGTON SINK DRIVER
ULN2003AP TOSHIBA-ULN2003AP Datasheet
374Kb / 11P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_15 Datasheet
391Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2004 UTC-ULN2004_10 Datasheet
212Kb / 8P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62008AFWG TOSHIBA-TD62008AFWG Datasheet
171Kb / 8P
   7ch Darlington Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com