Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F2131TPW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2131TPW
Description  MIXED SIGNAL MICROCONTROLLER
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2131TPW Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F2131TPW Datasheet HTML 1Page - Texas Instruments MSP430F2131TPW Datasheet HTML 2Page - Texas Instruments MSP430F2131TPW Datasheet HTML 3Page - Texas Instruments MSP430F2131TPW Datasheet HTML 4Page - Texas Instruments MSP430F2131TPW Datasheet HTML 5Page - Texas Instruments MSP430F2131TPW Datasheet HTML 6Page - Texas Instruments MSP430F2131TPW Datasheet HTML 7Page - Texas Instruments MSP430F2131TPW Datasheet HTML 8Page - Texas Instruments MSP430F2131TPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
MSP430x21x1
MIXED SIGNAL MICROCONTROLLER
SLAS439D -- SEPTEMBER 2004 -- REVISED SEPTEMBER 2010
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D
Low Supply Voltage Range: 1.8 V to 3.6 V
D
Ultralow Power Consumption
-- Active Mode: 250 µAat1MHz, 2.2V
-- Standby Mode: 0.7 µA
-- Off Mode (RAM Retention): 0.1 µA
D
Ultrafast Wake-Up From Standby Mode in
less than 1 µs
D
16-Bit RISC Architecture, 62.5 ns
Instruction Cycle Time
D
Basic Clock Module Configurations:
-- Internal Frequencies up to 16MHz With
Four Calibrated Frequencies to ±1%
-- 32-kHz Crystal
-- High-Frequency Crystal up to 16MHz
-- Resonator
-- External Digital Clock Source
D
16-Bit Timer_A With Three
Capture/Compare Registers
D
On-Chip Comparator for Analog Signal
Compare Function or Slope A/D
Conversion
D
Brownout Detector
D
Serial Onboard Programming,
No External Programming Voltage Needed
Programmable Code Protection by
Security Fuse
D
Bootstrap Loader
D
On Chip Emulation Module
D
Family Members Include:
MSP430F2101: 1KB + 256B Flash Memory
128B RAM
MSP430F2111: 2KB + 256B Flash Memory
128B RAM
MSP430F2121: 4KB + 256B Flash Memory
256B RAM
MSP430F2131: 8KB + 256B Flash Memory
256B RAM
D
Available in a 20-Pin Plastic Small-Outline
Wide Body (SOWB) Package, 20-Pin Plastic
Small-Outline Thin (TSSOP) Package,
20-Pin TVSOP and 24-Pin QFN
D
For Complete Module Descriptions, See the
MSP430x2xx Family User’s Guide
(SLAU144)
description
The Texas Instruments MSP430 family of ultralow-power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code
efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less
than 1µs.
The MSP430x21x1 series is an ultralow-power mixed signal microcontroller with a built-in 16-bit timer, versatile
analog comparator, and sixteen I/O pins.
Typical applications include sensor systems that capture analog signals, convert them to digital values, and then
process the data for display or for transmission to a host system. Stand-alone RF sensor front end is another
area of application. The analog comparator provides slope A/D conversion capability.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
PLASTIC
20-PIN SOWB
(DW)
PLASTIC
20-PIN TSSOP
(PW)
PLASTIC
20-PIN TVSOP
(DGV)
PLASTIC
24-PIN QFN
(RGE)
40°C to 85°C
MSP430F2101IDW
MSP430F2111IDW
MSP430F2101IPW
MSP430F2111IPW
MSP430F2101IDGV
MSP430F2111IDGV
MSP430F2101IRGE
MSP430F2111IRGE
--40°Cto85°C
MSP430F2111IDW
MSP430F2121IDW
MSP430F2131IDW
MSP430F2111IPW
MSP430F2121IPW
MSP430F2131IPW
MSP430F2111IDGV
MSP430F2121IDGV
MSP430F2131IDGV
MSP430F2111IRGE
MSP430F2121IRGE
MSP430F2131IRGE
--40°C to 105°C
MSP430F2101TDW
MSP430F2111TDW
MSP430F2121TDW
MSP430F2131TDW
MSP430F2101TPW
MSP430F2111TPW
MSP430F2121TPW
MSP430F2131TPW
MSP430F2101TDGV
MSP430F2111TDGV
MSP430F2121TDGV
MSP430F2131TDGV
MSP430F2101TRGE
MSP430F2111TRGE
MSP430F2121TRGE
MSP430F2131TRGE
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright  2004--2010 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - MSP430F2131TPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2131TPW TI-MSP430F2131TPW Datasheet
1Mb / 53P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2131TPW TI-MSP430F2131TPW Datasheet
1Mb / 62P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2131TPW TI-MSP430F2131TPW Datasheet
1Mb / 52P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2131TPWR TI-MSP430F2131TPWR Datasheet
1Mb / 62P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2131TPWR TI-MSP430F2131TPWR Datasheet
1Mb / 52P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2131TPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com