Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F2131TDWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2131TDWR
Description  MIXED SIGNAL MICROCONTROLLER
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2131TDWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430F2131TDWR Datasheet HTML 5Page - Texas Instruments MSP430F2131TDWR Datasheet HTML 6Page - Texas Instruments MSP430F2131TDWR Datasheet HTML 7Page - Texas Instruments MSP430F2131TDWR Datasheet HTML 8Page - Texas Instruments MSP430F2131TDWR Datasheet HTML 9Page - Texas Instruments MSP430F2131TDWR Datasheet HTML 10Page - Texas Instruments MSP430F2131TDWR Datasheet HTML 11Page - Texas Instruments MSP430F2131TDWR Datasheet HTML 12Page - Texas Instruments MSP430F2131TDWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
MSP430x21x1
MIXED SIGNAL MICROCONTROLLER
SLAS439D -- SEPTEMBER 2004 -- REVISED SEPTEMBER 2010
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
peripherals
Peripherals are connected to the CPU through data, address, and control busses and can be handled using
all instructions. For complete module descriptions, refer to the MSP430x2xx Family User’s Guide.
oscillator and system clock
The clock system is supported by the basic clock module that includes support for a 32768-Hz watch crystal
oscillator, an internal digitally-controlled oscillator (DCO) and a high frequency crystal oscillator. The basic clock
module is designed to meet the requirements of both low system cost and low-power consumption. The internal
DCO provides a fast turn-on clock source and stabilizes in less than 1 µs. The basic clock module provides the
following clock signals:
D
Auxiliary clock (ACLK), sourced from a 32768-Hz watch crystal or a high frequency crystal.
D
Main clock (MCLK), the system clock used by the CPU.
D
Sub-Main clock (SMCLK), the sub-system clock used by the peripheral modules.
DCO CALIBRATION DATA
(PROVIDED FROM FACTORY IN FLASH INFO MEMORY SEGMENT A)
DCO FREQUENCY
CALIBRATION
REGISTER
SIZE
ADDRESS
1MHz
CALBC1_1MHZ
byte
010FFh
CALDCO_1MHZ
byte
010FEh
8MHz
CALBC1_8MHZ
byte
010FDh
CALDCO_8MHZ
byte
010FCh
12 MHz
CALBC1_12MHZ
byte
010FBh
CALDCO_12MHZ
byte
010FAh
16 MHz
CALBC1_16MHZ
byte
010F9h
CALDCO_16MHZ
byte
010F8h
brownout
The brownout circuit is implemented to provide the proper internal reset signal to the device during power on
and power off.
digital I/O
There are two 8-bit I/O ports implemented—ports P1 and P2:
D
All individual I/O bits are independently programmable.
D
Any combination of input, output, and interrupt conditions is possible.
D
Edge-selectable interrupt input capability for all the eight bits of port P1 and P2.
D
Read/write access to port-control registers is supported by all instructions.
D
Each I/O has an individually programmable pull--up/pull--down resistor.
WDT+ watchdog timer
The primary function of the watchdog timer (WDT+) module is to perform a controlled system restart after a
software problem occurs. If the selected time interval expires, a system reset is generated. If the watchdog
function is not needed in an application, the module can be configured as an interval timer and can generate
interrupts at selected time intervals.


Similar Part No. - MSP430F2131TDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2131TDWR TI-MSP430F2131TDWR Datasheet
1Mb / 62P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2131TDWR TI-MSP430F2131TDWR Datasheet
1Mb / 52P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2131TDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com