Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F2809 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320F2809
Description  Digital Signal Processors
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2809 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320F2809_11 Datasheet HTML 5Page - Texas Instruments TMS320F2809_11 Datasheet HTML 6Page - Texas Instruments TMS320F2809_11 Datasheet HTML 7Page - Texas Instruments TMS320F2809_11 Datasheet HTML 8Page - Texas Instruments TMS320F2809_11 Datasheet HTML 9Page - Texas Instruments TMS320F2809_11 Datasheet HTML 10Page - Texas Instruments TMS320F2809_11 Datasheet HTML 11Page - Texas Instruments TMS320F2809_11 Datasheet HTML 12Page - Texas Instruments TMS320F2809_11 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 145 page
background image
TMS320F2809, TMS320F2808, TMS320F2806
TMS320F2802, TMS320F2801, TMS320C2802
TMS320C2801, TMS320F28016, TMS320F28015
www.ti.com
SPRS230M – OCTOBER 2003 – REVISED MARCH 2011
Digital Signal Processors
Check for
Samples: TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802, TMS320C2801,
TMS320F28016, TMS320F28015
1
F280x, F2801x, C280x DSPs
1.1
Features
1234
• High-Performance Static CMOS Technology
• 128-Bit Security Key/Lock
– 100 MHz (10-ns Cycle Time)
– Protects Flash/OTP/L0/L1 Blocks
– 60 MHz (16.67-ns Cycle Time)
– Prevents Firmware Reverse Engineering
– Low-Power (1.8-V Core, 3.3-V I/O) Design
• Three 32-Bit CPU Timers
• JTAG Boundary Scan Support (1)
• Enhanced Control Peripherals
• High-Performance 32-Bit CPU ( TMS320C28x™)
– Up to 16 PWM Outputs
– 16 x 16 and 32 x 32 MAC Operations
– Up to 6 HRPWM Outputs With 150-ps MEP
Resolution
– 16 x 16 Dual MAC
– Up to Four Capture Inputs
– Harvard Bus Architecture
– Up to Two Quadrature Encoder Interfaces
– Atomic Operations
– Up to Six 32-bit/Six 16-bit Timers
– Fast Interrupt Response and Processing
• Serial Port Peripherals
– Unified Memory Programming Model
– Up to 4 SPI Modules
– Code-Efficient (in C/C++ and Assembly)
– Up to 2 SCI (UART) Modules
• On-Chip Memory
– Up to 2 CAN Modules
– F2809: 128K x 16 Flash, 18K x 16 SARAM
F2808: 64K x 16 Flash, 18K x 16 SARAM
– One Inter-Integrated-Circuit (I2C) Bus
F2806: 32K x 16 Flash, 10K x 16 SARAM
• 12-Bit ADC, 16 Channels
F2802: 32K x 16 Flash, 6K x 16 SARAM
– 2 x 8 Channel Input Multiplexer
F2801: 16K x 16 Flash, 6K x 16 SARAM
– Two Sample-and-Hold
F2801x: 16K x 16 Flash, 6K x 16 SARAM
– Single/Simultaneous Conversions
– 1K x 16 OTP ROM (Flash Devices Only)
– Fast Conversion Rate:
– C2802: 32K x 16 ROM, 6K x 16 SARAM
80 ns - 12.5 MSPS (F2809 only)
C2801: 16K x 16 ROM, 6K x 16 SARAM
160 ns - 6.25 MSPS (280x)
• Boot ROM (4K x 16)
267 ns - 3.75 MSPS (F2801x)
– With Software Boot Modes (via SCI, SPI,
– Internal or External Reference
CAN, I2C, and Parallel I/O)
• Up to 35 Individually Programmable,
– Standard Math Tables
Multiplexed GPIO Pins With Input Filtering
• Clock and System Control
• Advanced Emulation Features
– Dynamic PLL Ratio Changes Supported
– Analysis and Breakpoint Functions
– On-Chip Oscillator
– Real-Time Debug via Hardware
– Watchdog Timer Module
• Development Support Includes
• Any GPIO A Pin Can Be Connected to One of
– ANSI C/C++ Compiler/Assembler/Linker
the Three External Core Interrupts
– Code Composer Studio™ IDE
• Peripheral Interrupt Expansion (PIE) Block That
– DSP/BIOS™
Supports All 43 Peripheral Interrupts
– Digital Motor Control and Digital Power
Software Libraries
• Low-Power Modes and Power Savings
– IDLE, STANDBY, HALT Modes Supported
(1)
IEEE Standard 1149.1-1990 Standard Test Access Port and
– Disable Individual Peripheral Clocks
Boundary Scan Architecture
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TMS320C28x, Code Composer Studio, DSP/BIOS, MicroStar BGA, C28x, TI, TMS320C2000 are trademarks of Texas Instruments.
3
eZdsp is a trademark of Spectrum Digital.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320F2809_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F2809 TI1-TMS320F2809_16 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI1-TMS320F2809_18 Datasheet
1Mb / 146P
[Old version datasheet]   Digital Signal Processors
TMS320F2809_1810 TI1-TMS320F2809_1810 Datasheet
1Mb / 146P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - TMS320F2809_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com