Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F240PQS Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320F240PQS
Description  DSP CONTROLLER
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F240PQS Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320F240PQS Datasheet HTML 6Page - Texas Instruments TMS320F240PQS Datasheet HTML 7Page - Texas Instruments TMS320F240PQS Datasheet HTML 8Page - Texas Instruments TMS320F240PQS Datasheet HTML 9Page - Texas Instruments TMS320F240PQS Datasheet HTML 10Page - Texas Instruments TMS320F240PQS Datasheet HTML 11Page - Texas Instruments TMS320F240PQS Datasheet HTML 12Page - Texas Instruments TMS320F240PQS Datasheet HTML 13Page - Texas Instruments TMS320F240PQS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 105 page
background image
TMS320F240
DSP CONTROLLER
SPRS042E – OCTOBER 1996 – REVISED NOVEMBER 2002
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Terminal Functions (Continued)
TERMINAL
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
TEST SIGNALS (CONTINUED)
TRST
32
I
JTAG test reset with internal pulldown. TRST, when driven high, gives the scan system control of the
operations of the device. If this signal is not connected or driven low, the device operates in its function-
al mode, and the test reset signals are ignored.
EMU0
38
I/O/Z
Emulator pin 0. When TRST is driven low, EMU0 must be high for activation of the /OFF condition.
When TRST is driven high, EMU0 is used as an interrupt to or from the emulator system and is defined
as input/output through the scan.
EMU1/OFF
39
I/O/Z
Emulator pin 1/disable all outputs. When TRST is driven high, EMU1/OFF is used as an interrupt to
or from the emulator system and is defined as input/output through JTAG scan. When TRST is driven
low, this pin is configured as OFF. When EMU1/OFF is active low, it puts all output drivers in the
high-impedance state. OFF is used exclusively for testing and emulation purposes (not for
multiprocessing applications); therefore, for OFF condition, the following conditions apply:
TRST = low, EMU0 = high, EMU1/OFF = low
RESERVED
42
I
Reserved for test. This pin has an internal pulldown and must be left unconnected.
† I = input, O = output, Z = high impedance


Similar Part No. - TMS320F240PQS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F240PQS TI-TMS320F240PQS Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
TMS320F240PQS TI-TMS320F240PQS Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
More results

Similar Description - TMS320F240PQS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F240PQG4 TI-TMS320F240PQG4 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
SMJ320F240 TI-SMJ320F240 Datasheet
1Mb / 99P
[Old version datasheet]   DSP CONTROLLER
TMS320F240 TI-TMS320F240_05 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
SMJ320F240HFPM40 TI-SMJ320F240HFPM40 Datasheet
1Mb / 104P
[Old version datasheet]   DSP CONTROLLER
TMS320C242 TI-TMS320C242 Datasheet
803Kb / 66P
[Old version datasheet]   DSP CONTROLLER
logo
Analog Devices
ADSP-21990 AD-ADSP-21990 Datasheet
2Mb / 50P
   Mixed-Signal DSP Controller
REV. A
ADSP-21990 AD-ADSP-21990_15 Datasheet
2Mb / 50P
   Mixed-Signal DSP Controller
REV. A
ADSP-21991 AD-ADSP-21991_15 Datasheet
594Kb / 44P
   Mixed Signal DSP Controller
REV. 0
ADMC331BSTZ AD-ADMC331BSTZ Datasheet
247Kb / 36P
   Single Chip DSP Motor Controller
REV. B
ADMC331 AD-ADMC331_15 Datasheet
247Kb / 36P
   Single Chip DSP Motor Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com