Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430FG4618IPZR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FG4618IPZR
Description  MIXED SIGNAL MICROCONTROLLER
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430FG4618IPZR Datasheet(HTML) 6 Page - Texas Instruments

Back Button MSP430FG4618IPZR Datasheet HTML 2Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 3Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 4Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 5Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 6Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 7Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 8Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 9Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 110 page
background image
MSP430xG461x
MIXED SIGNAL MICROCONTROLLER
SLAS508I − APRIL 2006 − REVISED MARCH 2011
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NAME
NO.
PZ
NO.
ZQW
I/O
DESCRIPTION
DVCC1
1
A1
Digital supply voltage, positive terminal
P6.3/A3/OA1O
2
B1
I/O
General-purpose digital I/O / analog input a3—12-bit ADC / OA1 output
P6.4/A4/OA1I0
3
B2
I/O
General-purpose digital I/O / analog input a4—12-bit ADC / OA1 input multiplexer
on +terminal and −terminal
P6.5/A5/OA2O
4
C2
I/O
General-purpose digital I/O / analog input a5—12-bit ADC / OA2 output
P6.6/A6/DAC0/OA2I0
5
C1
I/O
General-purpose digital I/O / analog input a6—12-bit ADC / DAC12.0 output / OA2
input multiplexer on +terminal and −terminal
P6.7/A7/DAC1/SVSIN
6
C3
I/O
General-purpose digital I/O / analog input a7—12-bit ADC / DAC12.1 output /
analog input to brownout, supply voltage supervisor
VREF+
7
D2
O
Output of positive terminal of the reference voltage in the ADC
XIN
8
D1
I
Input port for crystal oscillator XT1. Standard or watch crystals can be connected.
XOUT
9
E1
O
Output terminal of crystal oscillator XT1
VeREF+/DAC0
10
E2
I/O
Input for an external reference voltage to the ADC / DAC12.0 output
VREF−/VeREF−
11
E4
I
Negative terminal for the ADC reference voltage for both sources, the internal
reference voltage, or an external applied reference voltage
P5.1/S0/A12/DAC1 (see Note 1)
12
F1
I/O
General-purpose digital I/O / LCD segment output 0 / analog input a12 − 12−bit
ADC / DAC12.1 output
P5.0/S1/A13/OA1I1 (see Note 1)
13
F2
I/O
General-purpose digital I/O / LCD segment output 1 / analog input a13 − 12−bit
ADC/OA1 input multiplexer on +terminal and −terminal
P10.7/S2/A14/OA2I1 (see Note 1)
14
E5
I/O
General-purpose digital I/O / LCD segment output 2 / analog input a14 − 12−bit
ADC/OA2 input multiplexer on +terminal and −terminal
P10.6/S3/A15 (see Note 1)
15
G1
I/O
General-purpose digital I/O / LCD segment output 3 / analog input a15 − 12−bit
ADC
P10.5/S4
16
G2
I/O
General-purpose digital I/O / LCD segment output 4
P10.4/S5
17
F4
I/O
General-purpose digital I/O / LCD segment output 5
P10.3/S6
18
H1
I/O
General-purpose digital I/O / LCD segment output 6
P10.2/S7
19
H2
I/O
General-purpose digital I/O / LCD segment output 7
P10.1/S8
20
F5
I/O
General-purpose digital I/O / LCD segment output 8
P10.0/S9
21
J1
I/O
General-purpose digital I/O / LCD segment output 9
P9.7/S10
22
J2
I/O
General-purpose digital I/O / LCD segment output 10
P9.6/S11
23
G4
I/O
General-purpose digital I/O / LCD segment output 11
P9.5/S12
24
K1
I/O
General-purpose digital I/O / LCD segment output 12
P9.4/S13
25
L1
I/O
General-purpose digital I/O / LCD segment output 13
P9.3/S14
26
M2
I/O
General-purpose digital I/O / LCD segment output 14
P9.2/S15
27
K2
I/O
General-purpose digital I/O / LCD segment output 15
P9.1/S16
28
L3
I/O
General-purpose digital I/O / LCD segment output 16
P9.0/S17
29
M3
I/O
General-purpose digital I/O / LCD segment output 17
P8.7/S18
30
H4
I/O
General-purpose digital I/O / LCD segment output 18
P8.6/S19
31
L4
I/O
General-purpose digital I/O / LCD segment output 19
P8.5/S20
32
M4
I/O
General-purpose digital I/O / LCD segment output 20
P8.4/S21
33
G5
I/O
General-purpose digital I/O / LCD segment output 21
P8.3/S22
34
L5
I/O
General-purpose digital I/O / LCD segment output 22
NOTES:
1. Segments S0 through S3 are disabled when the LCD charge pump feature is enabled (LCDCPEN = 1) and cannot be used together
with the LCD charge pump. In addition, when using segments S0 through S3 with an external LCD voltage supply, VLCD ≤ AVCC.


Similar Part No. - MSP430FG4618IPZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FG4618IPZR TI-MSP430FG4618IPZR Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4618IPZR TI-MSP430FG4618IPZR Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4618IPZR TI-MSP430FG4618IPZR Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4618IPZR TI1-MSP430FG4618IPZR Datasheet
1Mb / 111P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4618IPZR TI1-MSP430FG4618IPZR Datasheet
2Mb / 114P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FG4618IPZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com