Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430G2553GACYS Datasheet(PDF) 1 Page - Texas Instruments

Part # MSP430G2553GACYS
Description  MIXED SIGNAL MICROCONTROLLER
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430G2553GACYS Datasheet(HTML) 1 Page - Texas Instruments

  MSP430G2553GACYS Datasheet HTML 1Page - Texas Instruments MSP430G2553GACYS Datasheet HTML 2Page - Texas Instruments MSP430G2553GACYS Datasheet HTML 3Page - Texas Instruments MSP430G2553GACYS Datasheet HTML 4Page - Texas Instruments MSP430G2553GACYS Datasheet HTML 5Page - Texas Instruments MSP430G2553GACYS Datasheet HTML 6Page - Texas Instruments MSP430G2553GACYS Datasheet HTML 7Page - Texas Instruments MSP430G2553GACYS Datasheet HTML 8Page - Texas Instruments MSP430G2553GACYS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
MSP430G2x53
MSP430G2x13
www.ti.com
SLAS735A
– APRIL 2011 – REVISED MAY 2011
MIXED SIGNAL MICROCONTROLLER
1
FEATURES
Low Supply-Voltage Range: 1.8 V to 3.6 V
Universal Serial Communication Interface
(USCI)
Ultra-Low Power Consumption
– Enhanced UART Supporting Auto Baudrate
– Active Mode: 230 µA at 1 MHz, 2.2 V
Detection (LIN)
– Standby Mode: 0.5 µA
– IrDA Encoder and Decoder
– Off Mode (RAM Retention): 0.1 µA
– Synchronous SPI
Five Power-Saving Modes
– I2C™
Ultra-Fast Wake-Up From Standby Mode in
On-Chip Comparator for Analog Signal
Less Than 1
µs
Compare Function or Slope Analog-to-Digital
16-Bit RISC Architecture, 62.5-ns Instruction
(A/D) Conversion
Cycle Time
10-Bit 200-ksps Analog-to-Digital (A/D)
Basic Clock Module Configurations
Converter With Internal Reference,
– Internal Frequencies up to 16 MHz With
Sample-and-Hold, and Autoscan (See Table 1)
Four Calibrated Frequency
Brownout Detector
– Internal Very-Low-Power Low-Frequency
Serial Onboard Programming,
(LF) Oscillator
No External Programming Voltage Needed,
– 32-kHz Crystal
Programmable Code Protection by Security
– External Digital Clock Source
Fuse
Two 16-Bit Timer_A With Three
On-Chip Emulation Logic With Spy-Bi-Wire
Capture/Compare Registers
Interface
Up to 24 Touch-Sense-Enabled I/O Pins
Family Members are Summarized in Table 1
Package Options
– TSSOP: 20 Pin, 28 Pin
– PDIP: 20 Pin
– QFN: 32 Pin
For Complete Module Descriptions, See the
MSP430x2xx Family User
’s Guide (SLAU144)
DESCRIPTION
The Texas Instruments MSP430 family of ultra-low-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 1
µs.
The MSP430G2x13 and MSP430G2x53 series are ultra-low-power mixed signal microcontrollers with built-in
16-bit timers, up to 24 I/O touch-sense-enabled pins, a versatile analog comparator, and built-in communication
capability using the universal serial communication interface. In addition the MSP430G2x53 family members
have a 10-bit analog-to-digital (A/D) converter. For configuration details see Table 1.
Typical applications include low-cost sensor systems that capture analog signals, convert them to digital values,
and then process the data for display or for transmission to a host system.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MSP430G2553GACYS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2553 TI1-MSP430G2553 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430G2553 TI-MSP430G2553 Datasheet
3Mb / 33P
[Old version datasheet]   MSP430G2553 LaunchPad??Development Kit
June 2018?밨evised March 2
MSP430G2553-Q1 TI1-MSP430G2553-Q1 Datasheet
1Mb / 71P
[Old version datasheet]   MSP430G2x53 Automotive Mixed-Signal Microcontrollers
MSP430G2553-Q1 TI1-MSP430G2553-Q1 Datasheet
1Mb / 71P
[Old version datasheet]   Automotive Mixed-Signal Microcontrollers
MSP430G2553-Q1 TI1-MSP430G2553-Q1_15 Datasheet
1Mb / 71P
[Old version datasheet]   Automotive Mixed-Signal Microcontrollers
More results

Similar Description - MSP430G2553GACYS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com