Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ8045DI Datasheet(PDF) 3 Page - Alpha Industries

Part # AOZ8045DI
Description  6-Line EMI Filter with Integrated ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AOZ8045DI Datasheet(HTML) 3 Page - Alpha Industries

  AOZ8045DI Datasheet HTML 1Page - Alpha Industries AOZ8045DI Datasheet HTML 2Page - Alpha Industries AOZ8045DI Datasheet HTML 3Page - Alpha Industries AOZ8045DI Datasheet HTML 4Page - Alpha Industries AOZ8045DI Datasheet HTML 5Page - Alpha Industries AOZ8045DI Datasheet HTML 6Page - Alpha Industries AOZ8045DI Datasheet HTML 7Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AOZ8045
Rev. 1.2 July 2009
www.aosmd.com
Page 3 of 7
Absolute Maximum Ratings
Exceeding the Absolute Maximum ratings may damage the device.
Notes:
1. IEC 61000-4-2 discharge with CDischarge = 150pF, RDischarge = 330.
2. Human Body Discharge per MIL-STD-883, Method 3015 CDischarge = 100pF, RDischarge = 1.5k.
Electrical Characteristics
TA = 25°C unless otherwise specified.
Notes:
3. The working peak reverse voltage, VRWM, should be equal to or greater than the DC or continuous peak operating voltage level.
4. VBR is measured at the pulse test current IT.
5. Measurements performed using a 100ns Transmission Line Pulse (TLP) system.
6. Total capacitance is equal to 2 x CCH.
7. Measured at 25°C, VR = 2.5V, f = 1.0MHz.
8. Guaranteed by design.
Parameter
Rating
Storage Temperature (TS)
-65°C to +150°C
ESD Rating per IEC61000-4-2, contact(1)
±20kV
ESD Rating per IEC61000-4-2, air(1)
±20kV
ESD Rating per Human Body Model(2)
±30kV
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VRWM
Reverse Working Voltage
(3)
5.0
V
VBR
Reverse Breakdown Volt-
age
IT = 1mA(4)
678
V
IR
Reverse Leakage Current
VRWM = 3.3V
0.1
µA
VCL
Signal Clamp Voltage
ILOAD = 1A, positive clamp(5)(8)
ILOAD = 1A, negative clamp(5)(8)
7.0
-3.0
V
ILOAD = 5A, positive clamp(5)(8)
ILOAD = 5A, negative clamp(5)(8)
8.0
-8.0
ILOAD = 12A, positive clamp(5)(8)
ILOAD = 12A, negative clamp(5)(8)
10.0
-10.0
RCH
Total Series Resistance
IR = 20mA
90
100
110
CCH
Channel Capacitance
Input to Ground(6)(7)(8)
89
10
pF
fC
Cut-off Frequency
Measured with 50
source and 50load
termination
250
MHz
Attenuation from 1.0GHz
to 3.0GHz
VR = 0V Measured with 50source and 50
load termination
-20
dB


Similar Part No. - AOZ8045DI

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AOZ8040 ALPHA-AOZ8040 Datasheet
400Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
logo
Alpha & Omega Semicondu...
AOZ8040 AOSMD-AOZ8040 Datasheet
388Kb / 7P
   Low operating voltage: 5.0V
logo
Alpha Industries
AOZ8040DI ALPHA-AOZ8040DI Datasheet
400Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8043 ALPHA-AOZ8043 Datasheet
287Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
AOZ8043DI ALPHA-AOZ8043DI Datasheet
287Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
More results

Similar Description - AOZ8045DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8015 AOSMD-AOZ8015 Datasheet
315Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8035 AOSMD-AOZ8035 Datasheet
352Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8025 AOSMD-AOZ8025 Datasheet
309Kb / 8P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8175 AOSMD-AOZ8175 Datasheet
303Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8535 AOSMD-AOZ8535 Datasheet
274Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8075 AOSMD-AOZ8075 Datasheet
336Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
logo
ON Semiconductor
NUF6010MU ONSEMI-NUF6010MU Datasheet
80Kb / 4P
   6 Line EMI Filter with ESD Protection
October, 2007 - Rev. 3
NUF6410MN ONSEMI-NUF6410MN Datasheet
76Kb / 4P
   6 Line EMI Filter with ESD Protection
October, 2007 - Rev. 2
NUF6401MN ONSEMI-NUF6401MN_06 Datasheet
50Kb / 4P
   6 Line EMI Filter with ESD Protection
July, 2006 ??Rev. 4
logo
Alpha & Omega Semicondu...
AOZ8010 AOSMD-AOZ8010 Datasheet
299Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com