Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ8045 Datasheet(PDF) 6 Page - Alpha Industries

Part # AOZ8045
Description  6-Line EMI Filter with Integrated ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AOZ8045 Datasheet(HTML) 6 Page - Alpha Industries

  AOZ8045 Datasheet HTML 1Page - Alpha Industries AOZ8045 Datasheet HTML 2Page - Alpha Industries AOZ8045 Datasheet HTML 3Page - Alpha Industries AOZ8045 Datasheet HTML 4Page - Alpha Industries AOZ8045 Datasheet HTML 5Page - Alpha Industries AOZ8045 Datasheet HTML 6Page - Alpha Industries AOZ8045 Datasheet HTML 7Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev. 1.2 July 2009
www.aosmd.com
Page 6 of 7
AOZ8045
Tape and Dimensions, DFN 2.5 x 1.2
Carrier Tape
Reel
A–A
Leader / Trailer & Orientation
Tape Size
8mm
Reel Size
ø178
M
ø178.0
±1.0
Package
DFN 2.5x1.2
T
0.30
±0.05
B0
2.80
±0.05
A0
1.45
±0.05
K0
0.70
±0.05
D0
ø1.55
±0.05
D1
ø0.80
±0.05
E1
1.75
±0.1
E
8.00
±0.03
E2
3.50
±0.05
P0
4.00
±0.10
P1
4.0
±0.10
P2
2.0
±0.05
N
ø60.0
±0.5
Trailer Tape
300mm Min.
Components Tape
Orientation in Pocket
Leader Tape
500mm Min.
E1
E2
E
T
R
G
UNIT: mm
UNIT: mm
Feeding Direction
W
11.80
±0.5
H
ø13.0
+0.5 / –0.2
W1
9.0
±0.5
S
2.40
±0.1
K
10.25
±0.2
E
ø9.8
W1
M
W
N
H
SK
Ref 5
°
B0
K0
P1
P2
D0
D1
P0
A0


Similar Part No. - AOZ8045

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AOZ8040 ALPHA-AOZ8040 Datasheet
400Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
logo
Alpha & Omega Semicondu...
AOZ8040 AOSMD-AOZ8040 Datasheet
388Kb / 7P
   Low operating voltage: 5.0V
logo
Alpha Industries
AOZ8040DI ALPHA-AOZ8040DI Datasheet
400Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8043 ALPHA-AOZ8043 Datasheet
287Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
AOZ8043DI ALPHA-AOZ8043DI Datasheet
287Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
More results

Similar Description - AOZ8045

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8015 AOSMD-AOZ8015 Datasheet
315Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8035 AOSMD-AOZ8035 Datasheet
352Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8025 AOSMD-AOZ8025 Datasheet
309Kb / 8P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8175 AOSMD-AOZ8175 Datasheet
303Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8535 AOSMD-AOZ8535 Datasheet
274Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8075 AOSMD-AOZ8075 Datasheet
336Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
logo
ON Semiconductor
NUF6010MU ONSEMI-NUF6010MU Datasheet
80Kb / 4P
   6 Line EMI Filter with ESD Protection
October, 2007 - Rev. 3
NUF6410MN ONSEMI-NUF6410MN Datasheet
76Kb / 4P
   6 Line EMI Filter with ESD Protection
October, 2007 - Rev. 2
NUF6401MN ONSEMI-NUF6401MN_06 Datasheet
50Kb / 4P
   6 Line EMI Filter with ESD Protection
July, 2006 ??Rev. 4
logo
Alpha & Omega Semicondu...
AOZ8010 AOSMD-AOZ8010 Datasheet
299Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com