Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ8043 Datasheet(PDF) 6 Page - Alpha Industries

Part # AOZ8043
Description  4-Line EMI Filter with Integrated ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AOZ8043 Datasheet(HTML) 6 Page - Alpha Industries

  AOZ8043 Datasheet HTML 1Page - Alpha Industries AOZ8043 Datasheet HTML 2Page - Alpha Industries AOZ8043 Datasheet HTML 3Page - Alpha Industries AOZ8043 Datasheet HTML 4Page - Alpha Industries AOZ8043 Datasheet HTML 5Page - Alpha Industries AOZ8043 Datasheet HTML 6Page - Alpha Industries AOZ8043 Datasheet HTML 7Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev. 1.1 February 2010
www.aosmd.com
Page 6 of 7
AOZ8043
Tape and Reel Dimensions, DFN 1.2 x 1.8, 8L
Carrier Tape
Reel
Leader / Trailer & Orientation
Tape Size
8mm
Reel Size
ø178
M
ø178.0
±1.0
Package
DFN 1.8x1.2
A0
1.32
±0.05
B0
1.92
±0.05
K0
0.75
±0.05
D0
ø1.55
±0.05
D1
ø0.55
±0.05
E
8.00
+0.3/-0.1
E1
1.75
±0.1
E2
3.50
±0.05
P0
4.00
±0.1
P1
4.0
±0.1
P2
2.0
±0.05
T
0.25
±0.05
N
ø60.0
±1.0
Trailer Tape
300mm Min.
Components Tape
Orientation in Pocket
Leader Tape
500mm Min.
B0
T
K0
P0
G
R
M
N
H
K
S
W
W1
P1
P2
D0
D1
E1
E
E2
A0
Ref. 5
°
UNIT: mm
UNIT: mm
Feeding Direction
W
11.80
±0.5
W1
9.0
±0.5
H
ø13.0
+0.5/-0.2
S
2.40
±0.10
K
10.25
±0.2
G
ø9.8
R


Similar Part No. - AOZ8043

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AOZ8040 ALPHA-AOZ8040 Datasheet
400Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
logo
Alpha & Omega Semicondu...
AOZ8040 AOSMD-AOZ8040 Datasheet
388Kb / 7P
   Low operating voltage: 5.0V
logo
Alpha Industries
AOZ8040DI ALPHA-AOZ8040DI Datasheet
400Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8045 ALPHA-AOZ8045 Datasheet
348Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8045DI ALPHA-AOZ8045DI Datasheet
348Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
More results

Similar Description - AOZ8043

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8013 AOSMD-AOZ8013 Datasheet
333Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
AOZ8533 AOSMD-AOZ8533 Datasheet
310Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
AOZ8073 AOSMD-AOZ8073 Datasheet
296Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
AOZ8014 AOSMD-AOZ8014 Datasheet
254Kb / 6P
   4-Line EMI Filter with Integrated ESD Protection
AOZ8033 AOSMD-AOZ8033 Datasheet
352Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
logo
ON Semiconductor
NUF4401MN ONSEMI-NUF4401MN Datasheet
62Kb / 4P
   4 Line EMI Filter with ESD Protection
August, 2005 ??Rev. 0
logo
Alpha & Omega Semicondu...
AOZ8010 AOSMD-AOZ8010 Datasheet
299Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8015 AOSMD-AOZ8015 Datasheet
315Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8035 AOSMD-AOZ8035 Datasheet
352Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8025 AOSMD-AOZ8025 Datasheet
309Kb / 8P
   6-Line EMI Filter with Integrated ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com