Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430CG4618IZQW Datasheet(PDF) 7 Page - Texas Instruments

Part # MSP430CG4618IZQW
Description  MIXED SIGNAL MICROCONTROLLER
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430CG4618IZQW Datasheet(HTML) 7 Page - Texas Instruments

Back Button MSP430CG4618IZQW Datasheet HTML 3Page - Texas Instruments MSP430CG4618IZQW Datasheet HTML 4Page - Texas Instruments MSP430CG4618IZQW Datasheet HTML 5Page - Texas Instruments MSP430CG4618IZQW Datasheet HTML 6Page - Texas Instruments MSP430CG4618IZQW Datasheet HTML 7Page - Texas Instruments MSP430CG4618IZQW Datasheet HTML 8Page - Texas Instruments MSP430CG4618IZQW Datasheet HTML 9Page - Texas Instruments MSP430CG4618IZQW Datasheet HTML 10Page - Texas Instruments MSP430CG4618IZQW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
MSP430xG461x
MIXED SIGNAL MICROCONTROLLER
SLAS508I − APRIL 2006 − REVISED MARCH 2011
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
NAME
NO.
PZ
NO.
ZQW
I/O
DESCRIPTION
P8.2/S23
35
M5
I/O
General-purpose digital I/O / LCD segment output 23
P8.1/S24
36
H5
I/O
General-purpose digital I/O / LCD segment output 24
P8.0/S25
37
J5
I/O
General-purpose digital I/O / LCD segment output 25
P7.7/S26
38
M6
I/O
General-purpose digital I/O / LCD segment output 26
P7.6/S27
39
L6
I/O
General-purpose digital I/O / LCD segment output 27
P7.5/S28
40
J6
I/O
General-purpose digital I/O / LCD segment output 28
P7.4/S29
41
M7
I/O
General-purpose digital I/O / LCD segment output 29
P7.3/UCA0CLK/S30
42
H6
I/O
General-purpose digital I/O / external clock input − USCI_A0/UART or SPI mode, clock
output − USCI_A0/SPI mode / LCD segment 30
P7.2/UCA0SOMI/S31
43
L7
I/O
General-purpose digital I/O / slave out/master in of USCI_A0/SPI mode / LCD segment
output 31
P7.1/UCA0SIMO/S32
44
M8
I/O
General-purpose digital I/O / slave in/master out of USCI_A0/SPI mode / LCD segment
output 32
P7.0/UCA0STE/S33
45
L8
I/O
General-purpose digital I/O / slave transmit enable—USCI_A0/SPI mode / LCD segment
output 33
P4.7/UCA0RXD/S34
46
J7
I/O
General-purpose digital I/O / receive data in − USCI_A0/UART or IrDA mode / LCD
segment output 34
P4.6/UCA0TXD/S35
47
M9
I/O
General-purpose digital I/O / transmit data out − USCI_A0/UART or IrDA mode / LCD
segment output 35
P4.5/UCLK1/S36
48
L9
I/O
General-purpose digital I/O / external clock input − USART1/UART or SPI mode,
clock output − USART1/SPI MODE / LCD segment output 36
P4.4/SOMI1/S37
49
H7
I/O
General-purpose digital I/O / slave out/master in of USART1/SPI mode / LCD segment
output 37
P4.3/SIMO1/S38
50
M10
I/O
General-purpose digital I/O / slave in/master out of USART1/SPI mode / LCD segment
output 38
P4.2/STE1/S39
51
M11
I/O
General-purpose digital I/O / slave transmit enable—USART1/SPI mode / LCD segment
output 39
COM0
52
L10
O
COM0−3 are used for LCD backplanes.
P5.2/COM1
53
L12
I/O
General-purpose digital I/O / common output, COM0−3 are used for LCD backplanes.
P5.3/COM2
54
J8
I/O
General-purpose digital I/O / common output, COM0−3 are used for LCD backplanes.
P5.4/COM3
55
K12
I/O
General-purpose digital I/O / common output, COM0−3 are used for LCD backplanes.
P5.5/R03
56
K11
I/O
General-purpose digital I/O / Input port of lowest analog LCD level (V5)
P5.6/LCDREF/R13
57
J12
I/O
General-purpose digital I/O / External reference voltage input for regulated LCD voltage
/ Input port of third most positive analog LCD level (V4 or V3)
P5.7/R23
58
J11
I/O
General-purpose digital I/O / Input port of second most positive analog LCD level (V2)
LCDCAP/R33
59
H11
I
LCD capacitor connection / Input/output port of most positive analog LCD level (V1)
DVCC2
60
H12
Digital supply voltage, positive terminal
DVSS2
61
G12
Digital supply voltage, negative terminal
P4.1/URXD1
62
G11
I/O
General-purpose digital I/O / receive data in—USART1/UART mode
P4.0/UTXD1
63
H9
I/O
General-purpose digital I/O / transmit data out—USART1/UART mode
P3.7/TB6
64
F12
I/O
General-purpose digital I/O / Timer_B7 CCR6. Capture: CCI6A/CCI6B input, compare:
Out6 output
P3.6/TB5
65
F11
I/O
General-purpose digital I/O / Timer_B7 CCR5. Capture: CCI5A/CCI5B input, compare:
Out5 output
P3.5/TB4
66
G9
I/O
General-purpose digital I/O / Timer_B7 CCR4. Capture: CCI4A/CCI4B input, compare:
Out4 output


Similar Part No. - MSP430CG4618IZQW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430CG4618IPZ TI-MSP430CG4618IPZ Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430CG4618IPZ TI-MSP430CG4618IPZ Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430CG4618IZQW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com