Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP103CYFFR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP103CYFFR
Description  Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP103CYFFR Datasheet(HTML) 2 Page - Texas Instruments

  TMP103CYFFR Datasheet HTML 1Page - Texas Instruments TMP103CYFFR Datasheet HTML 2Page - Texas Instruments TMP103CYFFR Datasheet HTML 3Page - Texas Instruments TMP103CYFFR Datasheet HTML 4Page - Texas Instruments TMP103CYFFR Datasheet HTML 5Page - Texas Instruments TMP103CYFFR Datasheet HTML 6Page - Texas Instruments TMP103CYFFR Datasheet HTML 7Page - Texas Instruments TMP103CYFFR Datasheet HTML 8Page - Texas Instruments TMP103CYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TMP103
SBOS545A
– FEBRUARY 2011 – REVISED MARCH 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION (1)
PACKAGE
PACKAGE
ORDERING
PRODUCT
ADDRESS
PACKAGE-LEAD
DESIGNATOR
MARKING
NUMBER
TMP103AYFFR
TMP103A
1110000
DSBGA-4
YFF
TA
TMP103AYFFT
TMP103BYFFR
TMP103B
1110001
DSBGA-4
YFF
TB
TMP103BYFFT
TMP103CYFFR
TMP103C
1110010
DSBGA-4
YFF
TC
TMP103CYFFT
TMP103DYFFR
TMP103D
1110011
DSBGA-4
YFF
TD
TMP103DYFFT
TMP103EYFFR
TMP103E
1110100
DSBGA-4
YFF
TE
TMP103EYFFT
TMP103FYFFR
TMP103F
1110101
DSBGA-4
YFF
TF
TMP103FYFFT
TMP103GYFFR
TMP103G
1110110
DSBGA-4
YFF
TG
TMP103GYFFT
TMP103HYFFR
TMP103H
1110111
DSBGA-4
YFF
TH
TMP103HYFFT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device prodict folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
TMP103
UNIT
Supply Voltage
3.6
V
Input Voltage(2)
–0.3 to (V+) + 0.3
V
Operating Temperature
–55 to +150
°C
Storage Temperature
–60 to +150
°C
Junction Temperature
+150
°C
Human Body Model (HBM)
2000
V
ESD Rating
Charged Device Model (CDM)
1000
V
Machine Model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Input voltage rating applies to all TMP103 input voltages.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TMP103


Similar Part No. - TMP103CYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP103CYFFR TI1-TMP103CYFFR Datasheet
992Kb / 30P
[Old version datasheet]   Low-Power, Digital Temperature Sensor
More results

Similar Description - TMP103CYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP103 TI-TMP103_15 Datasheet
817Kb / 24P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP108 TI-TMP108 Datasheet
268Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com