Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430FG4618IZQW Datasheet(PDF) 8 Page - Texas Instruments

Part # MSP430FG4618IZQW
Description  MIXED SIGNAL MICROCONTROLLER
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430FG4618IZQW Datasheet(HTML) 8 Page - Texas Instruments

Back Button MSP430FG4618IZQW Datasheet HTML 4Page - Texas Instruments MSP430FG4618IZQW Datasheet HTML 5Page - Texas Instruments MSP430FG4618IZQW Datasheet HTML 6Page - Texas Instruments MSP430FG4618IZQW Datasheet HTML 7Page - Texas Instruments MSP430FG4618IZQW Datasheet HTML 8Page - Texas Instruments MSP430FG4618IZQW Datasheet HTML 9Page - Texas Instruments MSP430FG4618IZQW Datasheet HTML 10Page - Texas Instruments MSP430FG4618IZQW Datasheet HTML 11Page - Texas Instruments MSP430FG4618IZQW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
MSP430xG461x
MIXED SIGNAL MICROCONTROLLER
SLAS508I − APRIL 2006 − REVISED MARCH 2011
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
NAME
NO.
PZ
NO.
ZQW
I/O
DESCRIPTION
P3.4/TB3
67
E12
I/O
General-purpose digital I/O / Timer_B7 CCR3. Capture: CCI3A/CCI3B input, compare: Out3
output
P3.3/UCB0CLK
68
E11
I/O
General-purpose digital I/O / external clock input—USCI_B0/UART or SPI mode, clock
output—USCI_B0/SPI mode
P3.2/UCB0SOMI/
UCB0SCL
69
F9
I/O
General-purpose digital I/O / slave out/master in of USCI_B0/SPI mode /I2C
clock—USCI_B0/I2C mode
P3.1/UCB0SIMO/
UCB0SDA
70
D12
I/O
General-purpose digital I/O / slave in/master out of USCI_B0/SPI mode, I2C
data—USCI_B0/I2C mode
P3.0/UCB0STE
71
D11
I/O
General-purpose digital I/O / slave transmit enable—USCI_B0/SPI mode
P2.7/ADC12CLK/
DMAE0
72
E9
I/O
General-purpose digital I/O / conversion clock—12-bit ADC / DMA Channel 0 external trigger
P2.6/CAOUT
73
C12
I/O
General-purpose digital I/O / Comparator_A output
P2.5/UCA0RXD
74
C11
I/O
General-purpose digital I/O / receive data in—USCI_A0/UART or IrDA mode
P2.4/UCA0TXD
75
B12
I/O
General-purpose digital I/O / transmit data out—USCI_A0/UART or IrDA mode
P2.3/TB2
76
A11
I/O
General-purpose digital I/O / Timer_B7 CCR2. Capture: CCI2A/CCI2B input, compare: Out2
output
P2.2/TB1
77
E8
I/O
General-purpose digital I/O / Timer_B7 CCR1. Capture: CCI1A/CCI1B input, compare: Out1
output
P2.1/TB0
78
D8
I/O
General-purpose digital I/O / Timer_B7 CCR0. Capture: CCI0A/CCI0B input, compare: Out0
output
P2.0/TA2
79
A10
I/O
General-purpose digital I/O / Timer_A Capture: CCI2A input, compare: Out2 output
P1.7/CA1
80
B10
I/O
General-purpose digital I/O / Comparator_A input
P1.6/CA0
81
A9
I/O
General-purpose digital I/O / Comparator_A input
P1.5/TACLK/ACLK
82
B9
I/O
General-purpose digital I/O / Timer_A, clock signal TACLK input / ACLK output (divided by
1, 2, 4, or 8)
P1.4/TBCLK/SMCLK
83
B8
I/O
General-purpose digital I/O / input clock TBCLK—Timer_B7 / submain system clock SMCLK
output
P1.3/TBOUTH/SVSOUT
84
A8
I/O
General-purpose
digital
I/O
/
switch
all
PWM
digital
output
ports
to
high
impedance—Timer_B7 TB0 to TB6 / SVS: output of SVS comparator
P1.2/TA1
85
D7
I/O
General-purpose digital I/O / Timer_A, Capture: CCI1A input, compare: Out1 output
P1.1/TA0/MCLK
86
E7
I/O
General-purpose digital I/O / Timer_A. Capture: CCI0B input / MCLK output.
Note: TA0 is only an input on this pin / BSL receive
P1.0/TA0
87
A7
I/O
General-purpose digital I/O / Timer_A. Capture: CCI0A input, compare: Out0 output / BSL
transmit
XT2OUT
88
B7
O
Output terminal of crystal oscillator XT2
XT2IN
89
B6
I
Input port for crystal oscillator XT2. Only standard crystals can be connected.
TDO/TDI
90
A6
I/O
Test data output port. TDO/TDI data output or programming data input terminal
TDI/TCLK
91
D6
I
Test data input or test clock input. The device protection fuse is connected to TDI/TCLK.
TMS
92
E6
I
Test mode select. TMS is used as an input port for device programming and test.
TCK
93
A5
I
Test clock. TCK is the clock input port for device programming and test.
RST/NMI
94
B5
I
Reset input or nonmaskable interrupt input port
P6.0/A0/OA0I0
95
A4
I/O
General-purpose digital I/O / analog input a0—12-bit ADC / OA0 input multiplexer on
+ terminal and − terminal
P6.1/A1/OA0O
96
D5
I/O
General-purpose digital I/O / analog input a1—12-bit ADC / OA0 output
P6.2/A2/OA0I1
97
B4
I/O
General-purpose digital I/O / analog input a2—12-bit ADC / OA0 input multiplexer on
+ terminal and − terminal


Similar Part No. - MSP430FG4618IZQW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FG4618IZQW TI1-MSP430FG4618IZQW Datasheet
1Mb / 111P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4618IZQW TI1-MSP430FG4618IZQW Datasheet
2Mb / 114P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FG4618IZQW TI1-MSP430FG4618IZQW Datasheet
2Mb / 115P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FG4618IZQWR TI1-MSP430FG4618IZQWR Datasheet
1Mb / 111P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4618IZQWR TI1-MSP430FG4618IZQWR Datasheet
2Mb / 114P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FG4618IZQW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com