Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F2101TRGET Datasheet(PDF) 10 Page - Texas Instruments

Part # MSP430F2101TRGET
Description  MIXED SIGNAL MICROCONTROLLER
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2101TRGET Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430F2101TRGET Datasheet HTML 6Page - Texas Instruments MSP430F2101TRGET Datasheet HTML 7Page - Texas Instruments MSP430F2101TRGET Datasheet HTML 8Page - Texas Instruments MSP430F2101TRGET Datasheet HTML 9Page - Texas Instruments MSP430F2101TRGET Datasheet HTML 10Page - Texas Instruments MSP430F2101TRGET Datasheet HTML 11Page - Texas Instruments MSP430F2101TRGET Datasheet HTML 12Page - Texas Instruments MSP430F2101TRGET Datasheet HTML 13Page - Texas Instruments MSP430F2101TRGET Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
MSP430x21x1
MIXED SIGNAL MICROCONTROLLER
SLAS439D -- SEPTEMBER 2004 -- REVISED SEPTEMBER 2010
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Comparator_A+
The primary function of the Comparator_A+ module is to support precision slope analog-to-digital conversions,
battery-voltage supervision, and monitoring of external analog signals.
Timer_A3
Timer_A3 is a 16-bit timer/counter with three capture/compare registers. Timer_A3 can support multiple
capture/compares, PWM outputs, and interval timing. Timer_A3 also has extensive interrupt capabilities.
Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare
registers.
TIMER_A3 SIGNAL CONNECTIONS
INPUT PIN NUMBER
DEVICE INPUT
MODULE INPUT
MODULE
MODULE
OUTPUT
OUTPUT PIN NUMBER
DW, PW, DGV
RGE
DEVICE INPUT
SIGNAL
MODULE INPUT
NAME
MODULE
BLOCK
OUTPUT
SIGNAL
DW, PW, DGV
RGE
13 - P1.0
13 - P1.0
TACLK
TACLK
ACLK
ACLK
Timer
NA
SMCLK
SMCLK
Timer
NA
9- P2.1
7- P2.1
INCLK
INCLK
14 - P1.1
14 - P1.1
TA0
CCI0A
14 - P1.1
14 - P1.1
10 - P2.2
8- P2.2
TA0
CCI0B
CCR0
TA0
18 - P1.5
18 - P1.5
VSS
GND
CCR0
TA0
VCC
VCC
15 - P1.2
15 - P1.2
TA1
CCI1A
11 - P2.3
10 - P2.3
CAOUT (internal)
CCI1B
CCR1
TA1
15 - P1.2
15 - P1.2
VSS
GND
CCR1
TA1
19 - P1.6
20 - P1.6
VCC
VCC
16 - P1.3
16 - P1.3
TA2
CCI2A
12 - P2.4
11 - P2.4
ACLK (internal)
CCI2B
CCR2
TA2
16 - P1.3
16 - P1.3
VSS
GND
CCR2
TA2
20 - P1.7
21 - P1.7
VCC
VCC


Similar Part No. - MSP430F2101TRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2101TRGET TI-MSP430F2101TRGET Datasheet
1Mb / 53P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101TRGET TI-MSP430F2101TRGET Datasheet
1Mb / 62P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101TRGET TI-MSP430F2101TRGET Datasheet
1Mb / 52P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101TRGET TI-MSP430F2101TRGET Datasheet
1Mb / 60P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101TRGET TI1-MSP430F2101TRGET Datasheet
1Mb / 62P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2101TRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com