Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMS430E337HFD Datasheet(PDF) 7 Page - Texas Instruments

Part # PMS430E337HFD
Description  MIXED SIGNAL MICROCONTROLLERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PMS430E337HFD Datasheet(HTML) 7 Page - Texas Instruments

Back Button PMS430E337HFD Datasheet HTML 3Page - Texas Instruments PMS430E337HFD Datasheet HTML 4Page - Texas Instruments PMS430E337HFD Datasheet HTML 5Page - Texas Instruments PMS430E337HFD Datasheet HTML 6Page - Texas Instruments PMS430E337HFD Datasheet HTML 7Page - Texas Instruments PMS430E337HFD Datasheet HTML 8Page - Texas Instruments PMS430E337HFD Datasheet HTML 9Page - Texas Instruments PMS430E337HFD Datasheet HTML 10Page - Texas Instruments PMS430E337HFD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
MSP430x33x
MIXED SIGNAL MICROCONTROLLERS
SLAS163 – FEBRUARY 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Table 3. Interrupt Functions and Addresses
INTERRUPT SOURCE
INTERRUPT FLAG
SYSTEM INTERRUPT
WORD ADDRESS
PRIORITY
Power-up, external reset, Watchdog
WDTIFG
Reset
0FFFEh
15, highest
NMI,
Oscillator fault
NMIIFG (see Note 2)
OFIFG (see Note 2)
non-maskable
(non)-maskable
0FFFCh
14
Dedicated I/O
P0IFG.0
maskable
0FFFAh
13
Dedicated I/O
P0IFG.1
maskable
0FFF8h
12
maskable
0FFF6h
11
Watchdog timer
WDTIFG
maskable
0FFF4h
10
Timer_A
CCIFG0 (see Note 3)
maskable
0FFF2h
9
Timer_A
TAIFG (see Note 3)
maskable
0FFF0h
8
UART Receive
URXIFG
maskable
0FFEEh
7
UART Transmit
UTXIFG
maskable
0FFECh
6
0FFEAh
5
Timer/Port
See Note 3
maskable
0FFE8h
4
I/O Port P2
P2IFG.07 (see Note 2)
maskable
0FFE6h
3
I/O Port P1
P1IFG.07 (see Note 2)
maskable
0FFE4h
2
Basic Timer
BTIFG
maskable
0FFE2h
1
I/O Port P0
P0IFG.27 (see Note 2)
maskable
0FFE0h
0, lowest
NOTES:
2. Multiple source flags
3. Interrupt flags are located in the module
special function registers
Most interrupt and module enable bits are collected into the lowest address space. Special function register bits
that are not allocated to a functional purpose are not physically present in the device. Simple SW access is
provided with this arrangement.
interrupt enable 1 and 2
76
5
4
0
P0IE.1
OFIE
WDTIE
32
1
P0IE.0
rw-0
rw-0
rw-0
rw-0
Address
0h
WDTIE:
Watchdog timer interrupt enable signal
OFIE:
Oscillator fault interrupt enable signal
P0IE.0:
Dedicated I/O P0.0 interrupt enable signal
P0IE.1:
P0.1 or 8-bit timer/counter, RXD interrupt enable signal
76
5
4
0
TPIE
UTXIE
URXIE
rw-0
32
1
rw-0
rw-0
rw-0
Address
01h
BTIE
URXIE:
USART receive interrupt enable signal
UTXIE:
USART transmit interrupt enable signal
TPIE:
Timer/Port interrupt enable signal
BTIE:
Basic Timer interrupt enable signal


Similar Part No. - PMS430E337HFD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PMS430E337HFD TI-PMS430E337HFD Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
PMS430E337HFD TI-PMS430E337HFD Datasheet
595Kb / 41P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
More results

Similar Description - PMS430E337HFD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com