Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430P337IPJM Datasheet(PDF) 1 Page - Texas Instruments

Part # MSP430P337IPJM
Description  MIXED SIGNAL MICROCONTROLLERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430P337IPJM Datasheet(HTML) 1 Page - Texas Instruments

  MSP430P337IPJM Datasheet HTML 1Page - Texas Instruments MSP430P337IPJM Datasheet HTML 2Page - Texas Instruments MSP430P337IPJM Datasheet HTML 3Page - Texas Instruments MSP430P337IPJM Datasheet HTML 4Page - Texas Instruments MSP430P337IPJM Datasheet HTML 5Page - Texas Instruments MSP430P337IPJM Datasheet HTML 6Page - Texas Instruments MSP430P337IPJM Datasheet HTML 7Page - Texas Instruments MSP430P337IPJM Datasheet HTML 8Page - Texas Instruments MSP430P337IPJM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
MSP430x33x
MIXED SIGNAL MICROCONTROLLERS
SLAS163 – FEBRUARY 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low Supply Voltage Range 2.5 V – 5.5 V
D Low Operation Current, 400 mA at 1 MHz,
3 V
D Ultra-Low Power Consumption (Standby
Mode Down to 0.1
µA)
D Five Power-Saving Modes
D Wake Up from Standby Mode in 6 µS
D 16-Bit RISC Architecture, 300 ns Instruction
Cycle Time
D Single Common 32 kHz Crystal, Internal
System Clock up to 3.8 MHz
D Integrated LCD Driver for up to 120
Segments
D Integrated Hardware Multiplier Performs
Signed, Unsigned, and MAC Operations for
Operands Up to 16 X 16 Bits
D Serial Communication Interface (USART),
Select Asynchronous UART or
Synchronous SPI by Software
D Slope A/D Converter Using External
Components
D 16-Bit Timer With Five Capture/Compare
Registers
D Programmable Code Protection by Security
Fuse
D Family Members Include:
MSP430C336 – 24 KB ROM, 1 KB RAM
MSP430C337 – 32 KB ROM, 1 KB RAM
MSP430P337 – 32 KB OTP, 1 KB RAM
D EPROM Version Available for Prototyping:
PMS430E337
D Serial On-Board Programming
D Available in 100 Pin Quad Flat-Pack (QFP)
Package, 100 Pin Ceramic Quad Flat-Pack
(CFP) package (EPROM Version)
description
The Texas Instruments MSP430 series is a ultra low-power microcontroller family consisting of several devices
which features different sets of modules targeted to various applications. The controller is designed to be battery
operated for an extended application lifetime. With the 16-bit RISC architecture, 16 integrated registers on the
CPU, and the constant generator, the MSP430 achieves maximum code efficiency. The digital-controlled
oscillator, together with the frequency lock loop (FLL), provides a fast wake up from a low-power mode to an
active mode in less than 6
ms. The MSP430x33x series micro-controllers have built in hardware multiplication
and communication capability using asynchronous (UART) and synchronous protocols.
Typical applications of the MSP430 family include electronic gas, water, and electric meters and other sensor
systems that capture analog signals, converts them to digital values, processes, displays, or transmits them to
a host system.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
NC
S22/O22
S21/O21
S19/O19
S17/O17
S16/O16
S15/O15
S14/O14
S13/O13
S12/O12
S11/O11
S10/O10
S9/O9
S7/07
S8/O8
S4/O4
S3/O3
S2/O2
S1
S0
COM0
TP0.0
TP0.1
TP0.2
TP0.3
TP0.4
TP0.5
P0.0
P0.2/TXD
P0.3
P0.5
P0.6
P0.7
P1.0
P1.1
P1.2
P1.3
P1.4
P1.6
P1.7
VSS3
PJM or HFD PACKAGE
(TOP VIEW)
CIN
S20/O20
S5/O5
P0.1/RXD
P1.5
26
27
28
29
30
55
54
53
52
51
P2.1
P2.2
NC
COM1
COM2
COM3
P4.7/URXD
VCC1
P0.4
P2.0
VSS2
VCC2
S18/O18
S6/O6
NC – No internal connection
Copyright
© 1998, Texas Instruments Incorporated


Similar Part No. - MSP430P337IPJM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430P337IPJM TI-MSP430P337IPJM Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
More results

Similar Description - MSP430P337IPJM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com