Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430P315SIDL Datasheet(PDF) 2 Page - Texas Instruments

Part # MSP430P315SIDL
Description  MIXED SIGNAL MICROCONTROLLERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430P315SIDL Datasheet(HTML) 2 Page - Texas Instruments

  MSP430P315SIDL Datasheet HTML 1Page - Texas Instruments MSP430P315SIDL Datasheet HTML 2Page - Texas Instruments MSP430P315SIDL Datasheet HTML 3Page - Texas Instruments MSP430P315SIDL Datasheet HTML 4Page - Texas Instruments MSP430P315SIDL Datasheet HTML 5Page - Texas Instruments MSP430P315SIDL Datasheet HTML 6Page - Texas Instruments MSP430P315SIDL Datasheet HTML 7Page - Texas Instruments MSP430P315SIDL Datasheet HTML 8Page - Texas Instruments MSP430P315SIDL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
MSP430x31x
MIXED SIGNAL MICROCONTROLLERS
SLAS165D − FEBRUARY 1998 − REVISED APRIL 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description (continued)
Typical applications include sensor systems that capture analog signals, converting them to digital values, and
then processes the data and displays them or transmits them to a host system. The timer/port module provides
single-slope A/D conversion capability for resistive sensors.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SSOP
48-Pin
(DL)
SSOP
56-Pin
(DL)
JLCC
68-Pin
(FZ)
40
°Cto85°C
MSP430C311SIDL
MSP430C312IDL
MSP430C313IDL
MSP430C314IDL
−40
°C to 85°C
MSP430C311SIDL
MSP430P315SIDL
MSP430C314IDL
MSP430C315IDL
MSP430P313IDL
MSP430P315IDL
25
°C
PMS430E313FZ
25
°C
PMS430E313FZ
PMS430E315FZ
MSP430P313/E313 not recommended for new designs − replaced by MSP430P315/E315.
functional block diagram
MSP430C312,313,314,315 and MSP430P313,315 and PMS430E313,315
Oscillator
FLL
System Clock
ACLK
MCLK
4/8/12/16 kB
ROM
8/16 kB
C: ROM
256/512 B
RAM
Power-On-
Reset
8-Bit Timer/
Counter
Serial Protocol
I/O Port
8 I/O’s, All With
Interr. Cap.
3 Int. Vectors
CPU
Incl. 16 Reg.
Test
JTAG
Bus
Conv
Timer/Port
Applications:
Timer, O/P
Basic
LCD
92 Segments
1, 2, 3, 4 MUX
Timer1
Watchdog
Timer
15/16 Bit
MAB, 16 Bit
MDB, 16 Bit
MAB, 4 Bit
MDB, 8 Bit
MCB
5
LCD
f
CMPI
TP0.0−4
CIN
XIN
Xout
XBUF
RST/NMI
P0.0−7
Com0−3
S0−18,22,23,26/
S27/O27/CMPI
R13
R23
TDI/VPP
TDO/TDI
TMS
TCK
TXD
P: OTP
A/D Conv.
Support
RXD
OPT or EPROM
E: EPROM
8
TP0.5
O2−18,22,23,26
VCC
V SS


Similar Part No. - MSP430P315SIDL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430P315SIDL TI-MSP430P315SIDL Datasheet
399Kb / 30P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430P315SIDL TI1-MSP430P315SIDL Datasheet
433Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430P315SIDLR TI1-MSP430P315SIDLR Datasheet
433Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
More results

Similar Description - MSP430P315SIDL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com