Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPS-75-24 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RPS-75-24
Description  75W Single Output Medical Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RPS-75-24 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RPS-75-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RPS-75-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FileName:RPS-75-SPEC2011-03-31
Unit:mm
fosc:65KHz
BlockDiagram
MechanicalSpecification
AMBIENTTEMPERATURE(
)
(HORIZONTAL)
-20
0
10
20
30
40
50
60
70
20
50
80
100
133
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
90
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
DCOutputConnector(CN2):JST B8P-VHorequivalent
PinNo.
1,2,3,4
5,6,7,8
Assignment
+V
-V
MatingHousing
JST VHR
orequivalent
Terminal
JST SVH-21T-P1.1
orequivalent
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
ACInputConnector(CN1):JST B3P-VHorequivalent
PinNo.
1
2
3
Assignment
AC/N
NoPin
AC/L
MatingHousing
JST VHR
JST SVH-21T-P1.1
orequivalent
orequivalent
Terminal
ConvectionCooling
23.5CFM ForcedairCooling
+S
-S
3.3V,5V
Others
JST XHP
JST SXH-001T-P0.6
23.5CFMmin.
FAN
5.6
115.8
127
DeratingCurve
ACFUSE
T2.5/250V
HS1,HS2,HS3 can not be shorted
HS2
HS1
HS3
R P S - 7 5 series
75WSingleOutputMedical Type
RemoteSense(CN3):JST B2B-XHorequivalent
PinNo.
1
2
MatingHousing
orequivalent
Terminal
orequivalent
Assignment
RS+
RS-
CN2
3
CN1
1
2
1
8
7
6
4
3
2
5
CN3
4-
3.8
1
2
FS2 FS1


Similar Part No. - RPS-75-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-75-24 MEANWELL-RPS-75-24 Datasheet
301Kb / 2P
   75W Single Output Medical Type
RPS-75-24 MEANWELL-RPS-75-24 Datasheet
320Kb / 2P
   75W Single Output Medical Type
More results

Similar Description - RPS-75-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-75 MEANWELL-RPS-75_12 Datasheet
320Kb / 2P
   75W Single Output Medical Type
RPS-75 MEANWELL-RPS-75 Datasheet
301Kb / 2P
   75W Single Output Medical Type
RPT-75 MEANWELL-RPT-75 Datasheet
527Kb / 3P
   75W Triple Output Medical Type
RPD-75 MEANWELL-RPD-75_12 Datasheet
305Kb / 2P
   75W Dual Output Medical Type
RPD-75 MEANWELL-RPD-75 Datasheet
287Kb / 2P
   75W Dual Output Medical Type
RPD-75 MEANWELL-RPD-75_11 Datasheet
290Kb / 2P
   75W Dual Output Medical Type
RPT-75 MEANWELL-RPT-75_11 Datasheet
532Kb / 3P
   75W Triple Output Medical Type
RPT-75 MEANWELL-RPT-75_12 Datasheet
564Kb / 3P
   75W Triple Output Medical Type
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
   65W Single Output Medical Type
MPS-45 TOTAL-POWER-MPS-45 Datasheet
345Kb / 2P
   45W Single Output Medical Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com