Electronic Components Datasheet Search |
|
MSP430X12X Datasheet(PDF) 8 Page - Texas Instruments |
|
MSP430X12X Datasheet(HTML) 8 Page - Texas Instruments |
8 / 42 page MSP430x12x MIXED SIGNAL MICROCONTROLLER SLAS312C − JULY 2001 − REVISED SEPTEMBER 2004 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 module enable registers 1 and 2 76 54 0 32 1 Address 04h 76 54 0 32 1 Address 05h UTXE0 URXE0 USPIE0 rw-0 rw-0 URXE0: USART0: UART receive enable UTXE0: USART0: UART transmit enable USPIE0: USART0: SPI (synchronous peripheral interface) transmit and receive enable Legend rw: rw-0,1: Bit can be read and written. Bit can be read and written. It is Reset or Set by PUC SFR bit is not present in device. rw-(0,1): Bit can be read and written. It is Reset or Set by POR memory organization MSP430F122 MSP430F123 Memory Main: interrupt vector Main: code memory Size Flash Flash 4KB Flash 0FFFFh−0FFE0h 0FFFFh−0F000h 8KB Flash 0FFFFh−0FFE0h 0FFFFh−0E000h Information memory Size Flash 256 Byte 010FFh − 01000h 256 Byte 010FFh − 01000h Boot memory Size ROM 1KB 0FFFh − 0C00h 1KB 0FFFh − 0C00h RAM Size 256 Byte 02FFh − 0200h 256 Byte 02FFh − 0200h Peripherals 16-bit 8-bit 8-bit SFR 01FFh − 0100h 0FFh − 010h 0Fh − 00h 01FFh − 0100h 0FFh − 010h 0Fh − 00h bootstrap loader (BSL) The MSP430 bootstrap loader (BSL) enables users to program the flash memory or RAM using a UART serial interface. Access to the MSP430 memory via the BSL is protected by user-defined password. For complete description of the features of the BSL and its implementation, see the Application report Features of the MSP430 Bootstrap Loader, Literature Number SLAA089. BSL Function DW & PW Package Pins RHB Package Pins Data Transmit 22 - P1.1 22 - P1.1 Data Receive 10 - P2.2 8 - P2.2 |
Similar Part No. - MSP430X12X |
|
Similar Description - MSP430X12X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |