Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430G2303IPW28R Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430G2303IPW28R
Description  MIXED SIGNAL MICROCONTROLLER
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430G2303IPW28R Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430G2303IPW28R Datasheet HTML 6Page - Texas Instruments MSP430G2303IPW28R Datasheet HTML 7Page - Texas Instruments MSP430G2303IPW28R Datasheet HTML 8Page - Texas Instruments MSP430G2303IPW28R Datasheet HTML 9Page - Texas Instruments MSP430G2303IPW28R Datasheet HTML 10Page - Texas Instruments MSP430G2303IPW28R Datasheet HTML 11Page - Texas Instruments MSP430G2303IPW28R Datasheet HTML 12Page - Texas Instruments MSP430G2303IPW28R Datasheet HTML 13Page - Texas Instruments MSP430G2303IPW28R Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
MSP430G2x33
MSP430G2x03
SLAS734A
– APRIL 2011 – REVISED MAY 2011
www.ti.com
Special Function Registers (SFRs)
Most interrupt and module enable bits are collected into the lowest address space. Special function register bits
not allocated to a functional purpose are not physically present in the device. Simple software access is provided
with this arrangement.
Legend
rw:
Bit can be read and written.
rw-0,1:
Bit can be read and written. It is reset or set by PUC.
rw-(0,1):
Bit can be read and written. It is reset or set by POR.
SFR bit is not present in device.
Table 6. Interrupt Enable Register 1 and 2
Address
7
6
5
4
3
2
1
0
00h
ACCVIE
NMIIE
OFIE
WDTIE
rw-0
rw-0
rw-0
rw-0
WDTIE
Watchdog Timer interrupt enable. Inactive if watchdog mode is selected. Active if Watchdog Timer is configured in
interval timer mode.
OFIE
Oscillator fault interrupt enable
NMIIE
(Non)maskable interrupt enable
ACCVIE
Flash access violation interrupt enable
Address
7
6
5
4
3
2
1
0
01h
UCB0TXIE
UCB0RXIE
UCA0TXIE
UCA0RXIE
rw-0
rw-0
rw-0
rw-0
UCA0RXIE
USCI_A0 receive interrupt enable
UCA0TXIE
USCI_A0 transmit interrupt enable
UCB0RXIE
USCI_B0 receive interrupt enable
UCB0TXIE
USCI_B0 transmit interrupt enable
Table 7. Interrupt Flag Register 1 and 2
Address
7
6
5
4
3
2
1
0
02h
NMIIFG
RSTIFG
PORIFG
OFIFG
WDTIFG
rw-0
rw-(0)
rw-(1)
rw-1
rw-(0)
WDTIFG
Set on watchdog timer overflow (in watchdog mode) or security key violation.
Reset on VCC power-on or a reset condition at the RST/NMI pin in reset mode.
OFIFG
Flag set on oscillator fault.
PORIFG
Power-On Reset interrupt flag. Set on VCC power-up.
RSTIFG
External reset interrupt flag. Set on a reset condition at RST/NMI pin in reset mode. Reset on VCC power-up.
NMIIFG
Set via RST/NMI pin
Address
7
6
5
4
3
2
1
0
03h
UCB0TXIFG
UCB0RXIFG
UCA0TXIFG
UCA0RXIFG
rw-1
rw-0
rw-1
rw-0
UCA0RXIFG
USCI_A0 receive interrupt flag
UCA0TXIFG
USCI_A0 transmit interrupt flag
UCB0RXIFG
USCI_B0 receive interrupt flag
UCB0TXIFG
USCI_B0 transmit interrupt flag
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - MSP430G2303IPW28R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2303 TI1-MSP430G2303 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
More results

Similar Description - MSP430G2303IPW28R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com