Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPS-160-12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RPS-160-12
Description  160W Single Output Medical Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RPS-160-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RPS-160-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RPS-160-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
RPS
-160-5
RPS
-160-12
RPS
-160-15
RPS
-160-24
RPS
-160-48
MODEL
DCVOLTAGE
RATEDCURRENT(20.5CFM)
RATEDPOWER(convection) Note.7
CURRENTRANGE(20.5CFM)
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.6
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
REMOTESENSE
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
OVERLOAD
OVERVOLTAGE
OVERTEMPERATURE
ACCURRENT (Typ.)
5V
12V
15V
24V
48V
30A
12.9A
10.3A
6.5A
3.25A
0~20A
0~30A
0~9.1A
0~12.9A
0~7.3A
0~10.3A
0~4.6A
0~2.3A
0~6.5A
0~3.25A
103W
155W
112.2W
159.8W
112.5W
159.5W
113.4W
113.4W
161W
161W
100mVp-p
100mVp-p
120mVp-p
150mVp-p
250mVp-p
CH1:4.5~5.5V
CH1:10.8~13.2V
CH1:13.5~16.5V
CH1:22~27V
CH1:43.2~52.8V
4.0%
3.0%
3.0%
2.0%
2.0%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%
1.0%
1.0%
1800ms,30ms/230VAC3
atfullload
500ms,30ms/115VAC
90~264VAC127~370VDC
16ms/230VAC/115VACatfullload
47~63Hz
PF>0.93/230VACPF>0.98/115VACatfullload
85%
87%
87%
87%
88%
2A/115VAC1.1A/230VAC
COLDSTART 35A/115VAC70A/230VAC
Earthleakagecurrent<300uA /264VAC,patientleakagecurrent<100uA/264VAC
105~135% ratedoutputpower
5.75~6.75V
110
(5V),105
(12V,15V,24V,48V)(TSW1:detectonheatsinkofpowertransistor)
95
(5V),90
(12V,15V,24V,48V)(TSW2:detectonheatsinkofpowertransistor)
13.8~16.2V
17.25~20.25V
27.6~32.4V
55.2~64.8V
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype:(TSW2)Shutdowno/pvoltage,re-powerontorecover
Protectiontype:(TSW1)Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
UL60601-1, TUVEN60601-1approved
-20~+70
(Referto"DeratingCurve")
5~15V
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
160WSingleOutputMedical Type
R P S - 1 6 0 series
Universal AC input / Full range
Built-in active PFC function
Protections: Short circuit / Overload / Over voltage /
5"x3" compact size
Free air convection for 110W and 160W with 20.5 CFM forced air
With power good and fail signal output
3 years warranty
Over temperature
Built-in remote sense function for 5~15V
No load power consumption under 0.75W by PS-ON control (G model)
Standby 5V@0.8A with fan, @0.6A without fan (G model)
Features :
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:4KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
SAFETY &
EMC
(Note4)
PROTECTION
ENVIRONMENT
CURRENTRANGE(convection)
RIPPLE&NOISE(max.) Note.2
RATEDPOWER(20.5CFM) Note.8
VOLTAGETOLERANCE Note.3
EN60601-1
IEC60601-1
POWERGOOD/POWERFAIL
Poweron:PS-ON="Hi"or">2~5V";Poweroff:PS-ON="Low"or"<0~0.5V"
500ms>PG>10msPF>1ms
FUNCTION
CompliancetoEN55011(CISPR11),EN55022(CISPR22)ClassB,EN61000-3-2,-3
MTBF
DIMENSION
OTHERS
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,EN60601-1-2,EN61204-3,medicallevel,criteria A
230.5Khrsmin.MIL-HDBK-217F(25
)
127*76.2*34.6mm(L*W*H)
12
PACKING
0.32Kg;36pcs/12.5Kg/0.79CUFT
NOTE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. HS1,HS2 & HS3 can not be shorted.
6. Derating may be needed under low input voltages. Please check the derating curve for more details.
7. The rated power includes 5Vsb @ 0.6A.
8. The rated power includes 5Vsb @ 0.8A.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
RPS
160
G
consumption<0.75W
G:With5Vsb&noloadpower
Blank:Basicfunction(without5Vsb)
PS-ONINPUTSIGNAL (Gmodel)
5VSTANDBY (Gmodel)
5VSB:5V@0.6A withoutfan,0.8A withfan20.5CFM;tolerance
2%,ripple:50mVp-p(max.)
EMCIMMUNITY
EMCEMISSION


Similar Part No. - RPS-160-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-160-12 MEANWELL-RPS-160-12 Datasheet
412Kb / 2P
   160W Single Output Medical Type
More results

Similar Description - RPS-160-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-160 MEANWELL-RPS-160_12 Datasheet
404Kb / 2P
   160W Single Output Medical Type
RPS-160 MEANWELL-RPS-160 Datasheet
412Kb / 2P
   160W Single Output Medical Type
RPD-160 MEANWELL-RPD-160 Datasheet
385Kb / 2P
   160W Dual Output Medical Type
RPT-160 MEANWELL-RPT-160 Datasheet
388Kb / 2P
   160W Triple Output Medical Type
RPT-160 MEANWELL-RPT-160_12 Datasheet
403Kb / 2P
   160W Triple Output Medical Type
GC160 MEANWELL-GC160_11 Datasheet
250Kb / 2P
   160W Single Output Battery Charger
GC160 MEANWELL-GC160 Datasheet
142Kb / 2P
   160W Single Output Battery Charger
logo
Total Power Internation...
GC-160 TOTAL-POWER-GC-160 Datasheet
139Kb / 2P
   160W Single Output Battery Charger
logo
Mean Well Enterprises C...
HBG-160 MEANWELL-HBG-160 Datasheet
2Mb / 5P
   160W Single Output Switching Power Supply
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
   65W Single Output Medical Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com