Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F1121IDW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F1121IDW
Description  MIXED SIGNAL MICROCONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F1121IDW Datasheet(HTML) 6 Page - Texas Instruments

Back Button MSP430F1121IDW Datasheet HTML 2Page - Texas Instruments MSP430F1121IDW Datasheet HTML 3Page - Texas Instruments MSP430F1121IDW Datasheet HTML 4Page - Texas Instruments MSP430F1121IDW Datasheet HTML 5Page - Texas Instruments MSP430F1121IDW Datasheet HTML 6Page - Texas Instruments MSP430F1121IDW Datasheet HTML 7Page - Texas Instruments MSP430F1121IDW Datasheet HTML 8Page - Texas Instruments MSP430F1121IDW Datasheet HTML 9Page - Texas Instruments MSP430F1121IDW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
MSP430x11x1
MIXED SIGNAL MICROCONTROLLER
SLAS241C – SEPTEMBER 1999 – REVISED JUNE 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
status register R2
Reserved For Future
Enhancements
15
9
8
7
0
V
SCG1
SCG0
OscOff
CPUOff
GIE
N
Z
C
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
65
43
21
The bits CPUOff, SCG1, SCG0, and OscOff are the most important low-power control bits when the basic
function of the system clock generator is established. They are pushed onto the stack whenever an interrupt
is accepted and thereby saved so that the previous mode of operation can be retrieved after the interrupt
request. During execution of an interrupt handler routine, the bits can be manipulated via indirect access of the
data on the stack. That allows the program to resume execution in another power operating mode after the
return from interrupt (RETI).
SCG1:
The clock signal SMCLK, used for peripherals, is enabled when bit SCG1 is reset or disabled if
the bit is set.
SCG0:
The dc-generator is active when SCG0 is reset. The dc-generator can be deactivated only if the
SCG0 bit is set and the DCOCLK signal is not used for MCLK or SMCLK. The current consumed
by the dc-generator defines the basic frequency of the DCOCLK. It is a dc current.
The clock signal DCOCLK is deactivated if it is not used for MCLK or SMCLK or if the SCG0 bit
is set. There are two situations when the SCG0 bit cannot switch off the DCOCLK signal:
1. DCOCLK frequency is used for MCLK (CPUOff=0 and SELM.1=0).
2. DCOCLK frequency is used for SMCLK (SCG1=0 and SELS=0).
NOTE:
When the current is switched off (SCG0=1) the start of the DCOCLK is delayed slightly. The delay
is in the
µs-range (see device parameters for details).
OscOff:
The LFXT1 crystal oscillator is active when the OscOff bit is reset. The LFXT1 oscillator can only
be deactivated if the OscOff bit is set and it is not used for MCLK or SMCLK. The setup time to
start a crystal oscillation needs consideration when oscillator off option is used. Mask
programmable (ROM) devices can disable this feature so that the oscillator can never be switched
off by software.
CPUOff:
The clock signal MCLK, used for the CPU, is active when the CPUOff bit is reset or stopped if it
is set.


Similar Part No. - MSP430F1121IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F1121IDW TI-MSP430F1121IDW Datasheet
876Kb / 43P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F1121IDW TI1-MSP430F1121IDW Datasheet
1Mb / 46P
[Old version datasheet]   Mixed Signal Microcontroller
MSP430F1121IDWR TI-MSP430F1121IDWR Datasheet
876Kb / 43P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F1121IDWR TI1-MSP430F1121IDWR Datasheet
1Mb / 46P
[Old version datasheet]   Mixed Signal Microcontroller
More results

Similar Description - MSP430F1121IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com