Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430X11X1 Datasheet(PDF) 11 Page - Texas Instruments

Part # MSP430X11X1
Description  MIXED SIGNAL MICROCONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430X11X1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430X11X1 Datasheet HTML 7Page - Texas Instruments MSP430X11X1 Datasheet HTML 8Page - Texas Instruments MSP430X11X1 Datasheet HTML 9Page - Texas Instruments MSP430X11X1 Datasheet HTML 10Page - Texas Instruments MSP430X11X1 Datasheet HTML 11Page - Texas Instruments MSP430X11X1 Datasheet HTML 12Page - Texas Instruments MSP430X11X1 Datasheet HTML 13Page - Texas Instruments MSP430X11X1 Datasheet HTML 14Page - Texas Instruments MSP430X11X1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
MSP430x11x1
MIXED SIGNAL MICROCONTROLLER
SLAS241C – SEPTEMBER 1999 – REVISED JUNE 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
boot ROM containing bootstrap loader (continued)
Program execution begins with the bootstrap vector at 0C00h (boot ROM) if a minimum of two positive edges
have been applied to TEST while RST/NMI is low, and TEST is high when RST/NMI goes from low to high. The
TEST signal is normally used internally to switch pins P1.4, P1.5, P1.6, and P1.7 between their application
function and the JTAG function. If the second rising edge at TEST is applied while RST/NMI is held low, the
internal TEST signal is held low and the pins remain in the application mode:
RST/NMI PIN
TEST
(Internal)
TEST PIN
Bootstrap loader Starts
VCC
Test mode can be entered again after TEST is taken low and then back high.
The bootstrap loader will not be started (via the vector in address 0C00h), if:
D There were less than two positive edges at TEST while RST/NMI is low
D TEST is low if RST/NMI goes from low to high
D JTAG has control over the MSP430 resources
D Supply voltage VCC drops and a POR is executed
WARNING:
The bootstrap loader starts correctly only if the RST/NMI pin is in reset mode. If it is switched
to the NMI function, unpredictable program execution may result. However, a
bootstrap-load may be started using software and the bootstrap vector, for example the
instruction BR &0C00h.


Similar Part No. - MSP430X11X1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X11X TI-MSP430X11X Datasheet
522Kb / 31P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430X11X TI-MSP430X11X Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI1-MSP430X11X Datasheet
778Kb / 35P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430X11X2 TI-MSP430X11X2 Datasheet
917Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X2 TI-MSP430X11X2 Datasheet
1Mb / 49P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430X11X1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com