Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430G2303IPW28 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430G2303IPW28
Description  MIXED SIGNAL MICROCONTROLLER
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430G2303IPW28 Datasheet(HTML) 6 Page - Texas Instruments

Back Button MSP430G2303IPW28 Datasheet HTML 2Page - Texas Instruments MSP430G2303IPW28 Datasheet HTML 3Page - Texas Instruments MSP430G2303IPW28 Datasheet HTML 4Page - Texas Instruments MSP430G2303IPW28 Datasheet HTML 5Page - Texas Instruments MSP430G2303IPW28 Datasheet HTML 6Page - Texas Instruments MSP430G2303IPW28 Datasheet HTML 7Page - Texas Instruments MSP430G2303IPW28 Datasheet HTML 8Page - Texas Instruments MSP430G2303IPW28 Datasheet HTML 9Page - Texas Instruments MSP430G2303IPW28 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
MSP430G2x33
MSP430G2x03
SLAS734A
– APRIL 2011 – REVISED MAY 2011
www.ti.com
Table 2. Terminal Functions (continued)
TERMINAL
NO.
I/O
DESCRIPTION
NAME
PW20,
PW28
RHB32
N20
P2.0/
General-purpose digital I/O pin
8
10
9
I/O
TA1.0
Timer1_A, capture: CCI0A input, compare: Out0 output
P2.1/
General-purpose digital I/O pin
9
11
10
I/O
TA1.1
Timer1_A, capture: CCI1A input, compare: Out1 output
P2.2/
General-purpose digital I/O pin
10
12
11
I/O
TA1.1
Timer1_A, capture: CCI1B input, compare: Out1 output
P2.3/
General-purpose digital I/O pin
11
16
15
I/O
TA1.0
Timer1_A, capture: CCI0B input, compare: Out0 output
P2.4/
General-purpose digital I/O pin
12
17
16
I/O
TA1.2
Timer1_A, capture: CCI2A input, compare: Out2 output
P2.5/
General-purpose digital I/O pin
13
18
17
I/O
TA1.2
Timer1_A, capture: CCI2B input, compare: Out2 output
XIN/
Input terminal of crystal oscillator
P2.6/
19
27
26
I/O
General-purpose digital I/O pin
TA0.1
Timer0_A, compare: Out1 output
XOUT/
Output terminal of crystal oscillator(3)
18
26
25
I/O
P2.7
General-purpose digital I/O pin
P3.0/
General-purpose digital I/O pin
-
9
7
I/O
TA0.2
Timer0_A, capture: CCI2A input, compare: Out2 output
P3.1/
General-purpose digital I/O pin
-
8
6
I/O
TA1.0
Timer1_A, compare: Out0 output
P3.2/
General-purpose digital I/O pin
-
13
12
I/O
TA1.1
Timer1_A, compare: Out1 output
P3.3/
General-purpose digital I/O
-
14
13
I/O
TA1.2
Timer1_A, compare: Out2 output
P3.4/
General-purpose digital I/O
-
15
14
I/O
TA0.0
Timer0_A, compare: Out0 output
P3.5/
General-purpose digital I/O
-
19
18
I/O
TA0.1
Timer0_A, compare: Out1 output
P3.6/
General-purpose digital I/O
-
20
19
I/O
TA0.2
Timer0_A, compare: Out2 output
P3.7/
General-purpose digital I/O
-
21
20
I/O
TA1CLK
Timer0_A, clock signal TACLK input
RST/
Reset
NMI/
16
24
23
I
Nonmaskable interrupt input
SBWTDIO
Spy-Bi-Wire test data input/output during programming and test
TEST/
Selects test mode for JTAG pins on Port 1. The device protection fuse is
connected to TEST.
17
25
24
I
SBWTCK
Spy-Bi-Wire test clock input during programming and test
DVCC
1
1
29, 30
NA
Supply voltage
DVSS
20
28
27, 28
NA
Ground reference
NC
NA
NA
8, 32
NA
Not connected
QFN Pad
NA
NA
Pad
NA
QFN package pad connection to VSS recommended.
(3)
If XOUT/P2.7 is used as an input, excess current will flow until P2SEL.7 is cleared. This is due to the oscillator output driver connection
to this pad after reset.
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - MSP430G2303IPW28

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2303 TI1-MSP430G2303 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
More results

Similar Description - MSP430G2303IPW28

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com