Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F5631IPZ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5631IPZ
Description  MIXED SIGNAL MICROCONTROLLER
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5631IPZ Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F5631IPZ Datasheet HTML 1Page - Texas Instruments MSP430F5631IPZ Datasheet HTML 2Page - Texas Instruments MSP430F5631IPZ Datasheet HTML 3Page - Texas Instruments MSP430F5631IPZ Datasheet HTML 4Page - Texas Instruments MSP430F5631IPZ Datasheet HTML 5Page - Texas Instruments MSP430F5631IPZ Datasheet HTML 6Page - Texas Instruments MSP430F5631IPZ Datasheet HTML 7Page - Texas Instruments MSP430F5631IPZ Datasheet HTML 8Page - Texas Instruments MSP430F5631IPZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 101 page
background image
MSP430F563x
www.ti.com
SLAS650A – JUNE 2010 – REVISED JULY 2010
MIXED SIGNAL MICROCONTROLLER
1
FEATURES
Low Supply Voltage Range, 1.8 V to 3.6 V
Two Universal Serial Communication
Interfaces
Ultralow Power Consumption
USCI_A0 and USCI_A1 Each Supporting
Active Mode (AM): TBD
Enhanced UART supporting
Standby Mode (LPM3 WDT Mode): TBD
Auto-Baudrate Detection
Off Mode (LPM4 RAM Retention): TBD
IrDA Encoder and Decoder
Shutdown Mode (LPM3.5 RTC Mode): TBD
Synchronous SPI
Shutdown Mode (LPM4.5): TBD
USCI_B0 and USCI_B1 Each Supporting
Wake-Up From Standby Mode in Less Than
I2CTM
5 µs
Synchronous SPI
16-Bit RISC Architecture, Extended Memory,
up to 20-MHz System Clock
Full-Speed Universal Serial Bus (USB)
Flexible Power Management System
Integrated USB-PHY
Fully Integrated LDO With Programmable
Integrated 3.3-V/1.8-V USB Power System
Regulated Core Supply Voltage
Integrated USB-PLL
Supply Voltage Supervision, Monitoring,
Eight Input, Eight Output Endpoints
and Brownout
12-Bit Analog-to-Digital (A/D) Converter With
Unified Clock System
Internal Shared Reference, Sample-and-Hold,
FLL Control Loop for Frequency
and Autoscan Feature
Stabilization
Dual 12-Bit Digital-to-Analog (D/A) Converters
Low Power/Low Frequency Internal Clock
With Synchronization
Source (VLO)
Comparator
Low Frequency Trimmed Internal Reference
Hardware Multiplier Supporting 32-Bit
Source (REFO)
Operations
32-kHz Crystals (XT1)
Flash Memory
High-Frequency Crystals Up to 32 MHz
Serial Onboard Programming, No External
(XT2)
Programming Voltage Needed
16-Bit Timer TA0, Timer_A With Five
Six-Channel Internal DMA
Capture/Compare Registers
Real-Time Clock Module With Supply Voltage
16-Bit Timer TA1, Timer_A With Three
Backup Switch
Capture/Compare Registers
Family Members are Summarized in Table 1
16-Bit Timer TA2, Timer_A With Three
For Complete Module Descriptions, See the
Capture/Compare Registers
MSP430x5xx/MSP430x6xx Family User's Guide
16-Bit Timer TB0, Timer_B With Seven
(SLAU208)
Capture/Compare Shadow Registers
DESCRIPTION
The Texas Instruments MSP430 family of ultralow-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low power
modes is optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 5 µs.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the
Copyright © 2010, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - MSP430F5631IPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5631IPZ TI1-MSP430F5631IPZ Datasheet
1Mb / 106P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
AUGUST2011
MSP430F5631IPZ TI1-MSP430F5631IPZ Datasheet
1Mb / 107P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5631IPZ TI1-MSP430F5631IPZ Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5631IPZ TI-MSP430F5631IPZ Datasheet
3Mb / 127P
[Old version datasheet]   MSP430F563x Mixed-Signal Microcontrollers
MSP430F5631IPZR TI1-MSP430F5631IPZR Datasheet
1Mb / 107P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F5631IPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com