Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F5310IPT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5310IPT
Description  MIXED SIGNAL MICROCONTROLLER
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5310IPT Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430F5310IPT Datasheet HTML 6Page - Texas Instruments MSP430F5310IPT Datasheet HTML 7Page - Texas Instruments MSP430F5310IPT Datasheet HTML 8Page - Texas Instruments MSP430F5310IPT Datasheet HTML 9Page - Texas Instruments MSP430F5310IPT Datasheet HTML 10Page - Texas Instruments MSP430F5310IPT Datasheet HTML 11Page - Texas Instruments MSP430F5310IPT Datasheet HTML 12Page - Texas Instruments MSP430F5310IPT Datasheet HTML 13Page - Texas Instruments MSP430F5310IPT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 99 page
background image
MSP430F530x, MSP430F5310
SLAS677B
– SEPTEMBER 2010 – REVISED MARCH 2011
www.ti.com
Table 3. Terminal Functions (continued)
TERMINAL
NO.
I/O
DESCRIPTION
(1)
NAME
RGZ
RGC
ZQE
/PT
General-purpose digital I/O with port interrupt
P2.2/TA2CLK/SMCLK
28
N/A
J6
I/O
TA2 clock signal TA2CLK input ; SMCLK output
General-purpose digital I/O with port interrupt
P2.3/TA2.0
29
N/A
H6
I/O
TA2 CCR0 capture: CCI0A input, compare: Out0 output
General-purpose digital I/O with port interrupt
P2.4/TA2.1
30
N/A
J7
I/O
TA2 CCR1 capture: CCI1A input, compare: Out1 output
General-purpose digital I/O with port interrupt
P2.5/TA2.2
31
N/A
J8
I/O
TA2 CCR2 capture: CCI2A input, compare: Out2 output
General-purpose digital I/O with port interrupt
P2.6/RTCCLK/DMAE0
32
N/A
J9
I/O
RTC clock output for calibration
DMA external trigger input
General-purpose digital I/O
Slave transmit enable
– USCI_B0 SPI mode
P2.7/UCB0STE/UCA0CLK
33
N/A
H7
I/O
Clock signal input
– USCI_A0 SPI slave mode
Clock signal output
– USCI_A0 SPI master mode
General-purpose digital I/O
P3.0/UCB0SIMO/UCB0SDA
34
N/A
H8
I/O
Slave in, master out
– USCI_B0 SPI mode
I2C data
– USCI_B0 I2C mode
General-purpose digital I/O
P3.1/UCB0SOMI/UCB0SCL
35
N/A
H9
I/O
Slave out, master in
– USCI_B0 SPI mode
I2C clock
– USCI_B0 I2C mode
General-purpose digital I/O
Clock signal input
– USCI_B0 SPI slave mode
P3.2/UCB0CLK/UCA0STE
36
N/A
G8
I/O
Clock signal output
– USCI_B0 SPI master mode
Slave transmit enable
– USCI_A0 SPI mode
General-purpose digital I/O
P3.3/UCA0TXD/UCA0SIMO
37
N/A
G9
I/O
Transmit data
– USCI_A0 UART mode
Slave in, master out
– USCI_A0 SPI mode
General-purpose digital I/O
P3.4/UCA0RXD/UCA0SOMI
38
N/A
G7
I/O
Receive data
– USCI_A0 UART mode
Slave out, master in
– USCI_A0 SPI mode
General-purpose digital I/O with reconfigurable port mapping secondary
function
P4.0/PM_UCB1STE/
41
29
E8
I/O
Default mapping: Slave transmit enable
– USCI_B1 SPI mode
PM_UCA1CLK
Default mapping: Clock signal input
– USCI_A1 SPI slave mode
Default mapping: Clock signal output
– USCI_A1 SPI master mode
General-purpose digital I/O with reconfigurable port mapping secondary
P4.1/PM_UCB1SIMO/
function
42
30
E7
I/O
PM_UCB1SDA
Default mapping: Slave in, master out
– USCI_B1 SPI mode
Default mapping: I2C data
– USCI_B1 I2C mode
General-purpose digital I/O with reconfigurable port mapping secondary
P4.2/PM_UCB1SOMI/
function
43
31
D9
I/O
PM_UCB1SCL
Default mapping: Slave out, master in
– USCI_B1 SPI mode
Default mapping: I2C clock
– USCI_B1 I2C mode
General-purpose digital I/O with reconfigurable port mapping secondary
function
P4.3/PM_UCB1CLK/
44
32
D8
I/O
Default mapping: Clock signal input
– USCI_B1 SPI slave mode
PM_UCA1STE
Default mapping: Clock signal output
– USCI_B1 SPI master mode
Default mapping: Slave transmit enable
– USCI_A1 SPI mode
DVSS2
39
27
F9
Digital ground supply
DVCC2
40
28
E9
Digital power supply
General-purpose digital I/O with reconfigurable port mapping secondary
P4.4/PM_UCA1TXD/
function
45
33
D7
I/O
PM_UCA1SIMO
Default mapping: Transmit data
– USCI_A1 UART mode
Default mapping: Slave in, master out
– USCI_A1 SPI mode
10
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - MSP430F5310IPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5310IPT TI1-MSP430F5310IPT Datasheet
1Mb / 100P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IPT TI1-MSP430F5310IPT Datasheet
3Mb / 109P
[Old version datasheet]   MSP430F5310, MSP430F530x Mixed-Signal Microcontrollers
MSP430F5310IPTR TI1-MSP430F5310IPTR Datasheet
1Mb / 100P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IPTR TI1-MSP430F5310IPTR Datasheet
3Mb / 109P
[Old version datasheet]   MSP430F5310, MSP430F530x Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5310IPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com