Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F5436AIPZ Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5436AIPZ
Description  MIXED SIGNAL MICROCONTROLLER
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5436AIPZ Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430F5436AIPZ Datasheet HTML 7Page - Texas Instruments MSP430F5436AIPZ Datasheet HTML 8Page - Texas Instruments MSP430F5436AIPZ Datasheet HTML 9Page - Texas Instruments MSP430F5436AIPZ Datasheet HTML 10Page - Texas Instruments MSP430F5436AIPZ Datasheet HTML 11Page - Texas Instruments MSP430F5436AIPZ Datasheet HTML 12Page - Texas Instruments MSP430F5436AIPZ Datasheet HTML 13Page - Texas Instruments MSP430F5436AIPZ Datasheet HTML 14Page - Texas Instruments MSP430F5436AIPZ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
MSP430F543xA, MSP430F541xA
www.ti.com
SLAS655B – JANUARY 2010 – REVISED OCTOBER 2010
Table 3. TERMINAL FUNCTIONS (continued)
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
PZ
PN
ZQW
General-purpose digital I/O
PJ.2/TMS(4)
94
74
D5
I/O
JTAG test mode select
General-purpose digital I/O
PJ.3/TCK(4)
95
75
B4
I/O
JTAG test clock
Reset input active low
RST/NMI/SBWTDIO(3)
96
76
A3
I/O
Non-maskable interrupt input
Spy-Bi-Wire data input/output when Spy-Bi-Wire operation activated.
General-purpose digital I/O
P6.0/A0
97
77
D4
I/O
Analog input A0 – ADC
General-purpose digital I/O
P6.1/A1
98
78
B3
I/O
Analog input A1 – ADC
General-purpose digital I/O
P6.2/A2
99
79
A2
I/O
Analog input A2 – ADC
General-purpose digital I/O
P6.3/A3
100
80
B2
I/O
Analog input A3 – ADC
Reserved
N/A
N/A
(5)
(5)
G5, E8, F8, G8, H8, E7, H7, E6, H6, E5, F5, H5, C3 are reserved and should be connected to ground.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - MSP430F5436AIPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5436AIPZ TI-MSP430F5436AIPZ Datasheet
786Kb / 88P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5436AIPZ TI-MSP430F5436AIPZ Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5436AIPZ TI-MSP430F5436AIPZ Datasheet
823Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5436AIPZ TI1-MSP430F5436AIPZ Datasheet
1Mb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5436AIPZ TI1-MSP430F5436AIPZ Datasheet
1Mb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F5436AIPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com