Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F5310 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5310
Description  MIXED SIGNAL MICROCONTROLLER
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5310 Datasheet(HTML) 2 Page - Texas Instruments

  MSP430F5310 Datasheet HTML 1Page - Texas Instruments MSP430F5310 Datasheet HTML 2Page - Texas Instruments MSP430F5310 Datasheet HTML 3Page - Texas Instruments MSP430F5310 Datasheet HTML 4Page - Texas Instruments MSP430F5310 Datasheet HTML 5Page - Texas Instruments MSP430F5310 Datasheet HTML 6Page - Texas Instruments MSP430F5310 Datasheet HTML 7Page - Texas Instruments MSP430F5310 Datasheet HTML 8Page - Texas Instruments MSP430F5310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 99 page
background image
MSP430F530x, MSP430F5310
SLAS677B
– SEPTEMBER 2010 – REVISED MARCH 2011
www.ti.com
DESCRIPTION
The Texas Instruments MSP430
™ family of ultra-low-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes is optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 5
µs.
The MSP430F5310, MSP430F5309, and MSP430F5308 devices are microcontroller configurations with 3.3-V
LDO, four 16-bit timers, a high-performance 10-bit analog-to-digital converter (ADC), two universal serial
communication interfaces (USCI), hardware multiplier, DMA, real-time clock module with alarm capabilities and
31 or 47 I/O pins.
The MSP430F5304 device is a configuration 3.3-V LDO, four 16-bit timers, a high-performance 10-bit
analog-to-digital converter (ADC), two universal serial communication interfaces (USCI), hardware multiplier,
DMA, real-time clock module with alarm capabilities, and 31 I/O pins.
Typical applications for this device include analog and digital sensor systems, digital motor control, remote
controls, thermostats, digital timers, hand-held meters, etc.
Table 1. Family Members
USCI
PROGRAM
SRAM
ADC10_A
Comp_B
PACKAGE
CHANNEL A: CHANNEL B:
DEVICE
MEMORY
Timer_A (1)
Timer_B (2)
I/O
(KB)
(CH)
(CH)
TYPE
UART/LIN/
SPI/I2C
(KB)
IrDA/SPI
64 RGC,
10 ext / 2 int
8
47
80 ZQE
MSP430F5310
32
6
5, 3, 3
7
2
2
48 PT,
6 ext / 2 int
4
31
48 RGZ
64 RGC,
10 ext / 2 int
8
47
80 ZQE
MSP430F5309
24
6
5, 3, 3
7
2
2
48 PT,
6 ext / 2 int
4
31
48 RGZ,
64 RGC,
10 ext / 2 int
8
47
80 ZQE
MSP430F5308
16
6
5, 3, 3
7
2
2
48 PT,
6 ext / 2 int
4
31
48 RGZ,
48 PT,
MSP430F5304
8
6
5, 3, 3
7
1
1
6 ext / 2 int
-
31
48 RGZ
(1)
Each number in the sequence represents an instantiation of Timer_A with its associated number of capture compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_A, the first
instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively.
(2)
Each number in the sequence represents an instantiation of Timer_B with its associated number of capture compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_B, the first
instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively.
Table 2. Ordering Information (1)
PACKAGED DEVICES (2)
TA
PLASTIC 64-PIN VQFN
PLASTIC 80-BALL BGA
PLASTIC 48-PIN VQFN
PLASTIC 48-PIN LQFP
(RGC)
(ZQE)
(RGZ)
(PT)
MSP430F5310IRGC
MSP430F5310IZQE
MSP430F5310IRGZ
MSP430F5310IPT
MSP430F5309IRGC
MSP430F5309IZQE
MSP430F5309IRGZ
MSP430F5309IPT
–40°C to 85°C
MSP430F5308IRGC
MSP430F5308IZQE
MSP430F5308IRGZ
MSP430F5308IPT
MSP430F5304IRGZ
MSP430F5304IPT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/package.
2
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - MSP430F5310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5310 TI1-MSP430F5310 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F5310 TI1-MSP430F5310 Datasheet
1Mb / 100P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310 TI1-MSP430F5310 Datasheet
1Mb / 106P
[Old version datasheet]   MSP430F5310 and MSP430F530x Mixed-Signal Microcontrollers
MSP430F5310 TI1-MSP430F5310 Datasheet
3Mb / 109P
[Old version datasheet]   MSP430F5310, MSP430F530x Mixed-Signal Microcontrollers
MSP430F5310IPT TI1-MSP430F5310IPT Datasheet
1Mb / 100P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F5310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com