Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5343S Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # 2SC5343S
Description  GENERAL SMALL SIGNAL AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

2SC5343S Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  2SC5343S Datasheet HTML 1Page - KODENSHI_AUK CORP. 2SC5343S Datasheet HTML 2Page - KODENSHI_AUK CORP. 2SC5343S Datasheet HTML 3Page - KODENSHI_AUK CORP. 2SC5343S Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T5C022-004
1
2SC5343S
NPN Silicon Transistor
PIN Connection
SOT-23
GENERAL SMALL SIGNAL AMPLIFIER
Features
• Low collector saturation voltage : VCE=0.25V(Max.)
• Low output capacitance : Cob=2pF(Typ.)
• Complementary pair with 2SA1980S
Ordering Information
Absolute Maximum Ratings
Ta=25
°C
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
150
mA
Collector power dissipation
PC*
350
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
* Package mounted on 99.5% alumina 10×8×0.6mm
Electrical Characteristics
Ta=25
°C
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=100uA, IE=0
60
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
50
-
-
V
Collector-Emitter breakdown voltage
BVEBO
IE=10uA, IC=0
5
-
-
ICEO
VCE=50V, IB=0
-
-
0.6
μA
Collector cut-off current
ICBO
VCB=60V, IE=0
-
-
0.1
μA
Emitter cut-off current
IEBO
VEB=5V, IC=0
-
-
0.1
μA
DC current gain
hFE
*
VCE=6V, IC=2mA
70
-
700
-
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB=10mA
-
-
0.25
V
Transition frequency
fT
VCE=10V, IC=1mA
-
80
-
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
2
-
pF
Noise figure
NF
VCE=6V, IC=0.1mA,
f=1KHz, Rg=10KΩ
-
10
-
dB
* : hFE rank / O : 70 ~ 140, Y : 120 ~ 240, G : 200 ~ 400, L : 300 ~ 700
Type No.
Marking
Package Code
2SC5343S
DA □ □
① ②
SOT-23
Device Code ② hFE Rank ③ Year&Week Code
B
E
C


Similar Part No. - 2SC5343S

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SC5343S AUK-2SC5343S Datasheet
214Kb / 4P
   General small signal amplifier (General small signal amplifier)
logo
KODENSHI_AUK CORP.
2SC5343S KODENSHI-2SC5343S Datasheet
307Kb / 4P
   GENERAL SMALL SIGNAL AMPLIFIER
logo
Foshan Blue Rocket Elec...
2SC5343S FOSHAN-2SC5343S Datasheet
931Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
logo
AUK corp
2SC5343SF AUK-2SC5343SF Datasheet
214Kb / 4P
   NPN Silicon Transistor (General small signal amplifier)
logo
Guangdong Kexin Industr...
2SC5343SF KEXIN-2SC5343SF Datasheet
37Kb / 1P
   NPN Silicon Transistor
More results

Similar Description - 2SC5343S

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SC5343S AUK-2SC5343S Datasheet
214Kb / 4P
   General small signal amplifier (General small signal amplifier)
logo
KODENSHI_AUK CORP.
2SA1980U KODENSHI-2SA1980U Datasheet
279Kb / 4P
   General small signal amplifier
2SC5343EF KODENSHI-2SC5343EF Datasheet
273Kb / 4P
   General small signal amplifier
2SC5343SF KODENSHI-2SC5343SF Datasheet
279Kb / 4P
   General small signal amplifier
2SC5343S KODENSHI-2SC5343S Datasheet
307Kb / 4P
   GENERAL SMALL SIGNAL AMPLIFIER
2SC5343SF KODENSHI-2SC5343SF Datasheet
279Kb / 4P
   General small signal amplifier
2SA1980EF KODENSHI-2SA1980EF Datasheet
247Kb / 4P
   General small signal amplifier
2SA1980UF KODENSHI-2SA1980UF Datasheet
233Kb / 4P
   General small signal amplifier
logo
AUK corp
STC945 AUK-STC945 Datasheet
95Kb / 3P
   General small signal Amplifier
logo
KODENSHI_AUK CORP.
2SA1980E KODENSHI-2SA1980E Datasheet
223Kb / 4P
   General small signal amplifier
NT331 KODENSHI-NT331 Datasheet
285Kb / 4P
   General small signal amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com