Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F4250IRGZR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4250IRGZR
Description  MIXED SIGNAL MICROCONTROLLER
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4250IRGZR Datasheet(HTML) 5 Page - Texas Instruments

  MSP430F4250IRGZR Datasheet HTML 1Page - Texas Instruments MSP430F4250IRGZR Datasheet HTML 2Page - Texas Instruments MSP430F4250IRGZR Datasheet HTML 3Page - Texas Instruments MSP430F4250IRGZR Datasheet HTML 4Page - Texas Instruments MSP430F4250IRGZR Datasheet HTML 5Page - Texas Instruments MSP430F4250IRGZR Datasheet HTML 6Page - Texas Instruments MSP430F4250IRGZR Datasheet HTML 7Page - Texas Instruments MSP430F4250IRGZR Datasheet HTML 8Page - Texas Instruments MSP430F4250IRGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
MSP430F42x0
MIXED SIGNAL MICROCONTROLLER
SLAS455D − MARCH 2005 − REVISED APRIL 2007
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MSP430F42x0 Terminal Functions
TERMINAL
NAME
DL
NO.
RGZ
NO.
I/O
DESCRIPTION
TDO/TDI
1
43
I/O
Test data output port. TDO/TDI data output or programming data input terminal
TDI/TCLK
2
44
I
Test data input or test clock input. The device protection fuse is connected to TDI/TCLK.
TMS
3
45
I
Test mode select. TMS is used as an input port for device programming and test.
TCK
4
46
I
Test clock. TCK is the clock input port for device programming and test.
RST/NMI
5
47
I
General-purpose digital I/O / reset input or nonmaskable interrupt input port
DVCC
6
48
Digital supply voltage, positive terminal
DVSS
7
1
Digital supply voltage, negative terminal
XIN
8
2
I
Input terminal of crystal oscillator XT1
XOUT
9
3
O
Output terminal of crystal oscillator XT1
AVSS
10
4
Analog supply voltage, negative terminal
AVCC
11
5
Analog supply voltage, positive terminal
VREF
12
6
I/O
Analog reference voltage
P6.0/A0+
13
7
I/O
General-purpose digital I/O / analog input A0+
P6.1/A0−
14
8
I/O
General-purpose digital I/O / analog input A0−
P6.2/A1+
15
9
I/O
General-purpose digital I/O / analog input A1+
P6.3/A1−
16
10
I/O
General-purpose digital I/O / analog input A1−
P6.4
17
11
I/O
General-purpose digital I/O
P6.5
18
12
I/O
General-purpose digital I/O
P6.6
19
13
I/O
General-purpose digital I/O
P6.7
20
14
I/O
General-purpose digital I/O
P1.7/A2+
21
15
I/O
General-purpose digital I/O / analog input A2+
P1.6/A2−
22
16
I/O
General-purpose digital I/O / analog input A2−
P1.5/TACLK/ACLK/A3+
23
17
I/O
General-purpose digital I/O / Timer_A, clock signal TACLK input /
ACLK output (divided by 1, 2, 4, or 8) / analog input A3+
P1.4/A3−/DAC0
24
18
I/O
General-purpose digital I/O / analog input A3− / DAC12 output
P1.3/TA2/A4+
25
19
I/O
General-purpose digital I/O / Timer_A, Capture: CCI2A, compare: Out2 output /
analog input A4+
P1.2/TA1/A4−
26
20
I/O
General-purpose digital I/O / Timer_A, Capture: CCI1A, compare: Out1 output /
analog input A4−
P1.1/TA0/MCLK
27
21
I/O
General-purpose digital I/O / Timer_A. Capture: CCI0B / MCLK output. Note: TA0 is only an
input on this pin / BSL Receive
P1.0/TA0
28
22
I/O
General-purpose digital I/O / Timer_A. Capture: CCI0A input, compare: Out0 output / BSL
Transmit
LCDREF/R13
29
23
External LCD reference voltage input / input port of third most positive analog LCD level (V4
or V3)
LCDCAP/R23
30
24
Capacitor connection for LCD charge pump /
input port of second most positive analog LCD level (V2)
P5.1/S0
31
25
I/O
General-purpose digital I/O / LCD segment output 0
P5.0/S1
32
26
I/O
General-purpose digital I/O / LCD segment output 1
P5.5/S2
33
27
I/O
General-purpose digital I/O / LCD segment output 2
P5.6/S3
34
28
I/O
General-purpose digital I/O / LCD segment output 3
P5.7/S4
35
29
I/O
General-purpose digital I/O / LCD segment output 4
S5
36
30
O
LCD segment output 5
P2.7/S6
37
31
I/O
General-purpose digital I/O / LCD segment output 6
P2.6/S7
38
32
I/O
General-purpose digital I/O / LCD segment output 7


Similar Part No. - MSP430F4250IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F4250IRGZR TI-MSP430F4250IRGZR Datasheet
916Kb / 57P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F4250IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com