Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5342S Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # 2SC5342S
Description  MEDIUM POWER AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

2SC5342S Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  2SC5342S Datasheet HTML 1Page - KODENSHI_AUK CORP. 2SC5342S Datasheet HTML 2Page - KODENSHI_AUK CORP. 2SC5342S Datasheet HTML 3Page - KODENSHI_AUK CORP. 2SC5342S Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T5C057-001
1
2SC5342S
NPN Silicon Transistor
PIN Connection
MEDIUM POWER AMPLIFIER
Features
• Large collector current : IC=500mA
• Low collector saturation voltage enabling
low-voltage operation
• Complementary pair with 2SA1979S
Ordering Information
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
40
V
Collector-Emitter voltage
VCEO
32
V
Emitter-Base voltage
VEBO
5
V
Collector current
IC
500
mA
Collector dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=100μA, IE=0
40
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
32
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=10μA, IC=0
5
-
-
V
Collector cut-off current
ICBO
VCB=40V, IE=0
-
-
0.1
μA
Emitter cut-off current
IEBO
VEB=5V, IC=0
-
-
0.1
μA
DC current gain
hFE
*
VCE=1V, IC=100mA
70
-
240
-
Collector-Emitter saturation voltage
VCE(sat)
IC=100mA, IB=10mA
-
0.25
V
Transition frequency
fT
VCE=6V, IC=20mA
-
300
-
MHz
Collector output capacitance
Cob
VCB=6V, IE=0, f=1MHz
-
7.0
-
pF
* : hFE Rank
/
O : 70~140, Y : 120~240
Type No.
Marking
Package Code
2SC5342S
BA □ □
① ②
SOT-23
Device Code ②hFE Rank ③Year&Week Code
1
2
3
SOT-23


Similar Part No. - 2SC5342S

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SC5342S AUK-2SC5342S Datasheet
212Kb / 4P
   NPN Silicon Transistor (Medium power amplifier)
logo
KODENSHI_AUK CORP.
2SC5342S KODENSHI-2SC5342S Datasheet
266Kb / 4P
   MEDIUM POWER AMPLIFIER
logo
AUK corp
2SC5342SF AUK-2SC5342SF Datasheet
212Kb / 4P
   NPN Silicon Transistor (Medium power amplifier)
logo
Guangdong Kexin Industr...
2SC5342SF KEXIN-2SC5342SF Datasheet
36Kb / 1P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
2SC5342SF KODENSHI-2SC5342SF Datasheet
255Kb / 4P
   Medium power amplifier
More results

Similar Description - 2SC5342S

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
   Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
   Medium power amplifier
logo
BOWEI Integrated Circui...
HE167 BOWEI-HE167 Datasheet
61Kb / 1P
   Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
   Medium Power Amplifier
HE641D BOWEI-HE641D Datasheet
94Kb / 1P
   Medium Power Amplifier
HE642 BOWEI-HE642 Datasheet
246Kb / 1P
   Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SC5342UF KODENSHI-2SC5342UF Datasheet
217Kb / 4P
   Medium power amplifier
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
   Medium-Power Amplifier
logo
BOWEI Integrated Circui...
HE080 BOWEI-HE080 Datasheet
113Kb / 1P
   Medium Power Amplifier
HE572L BOWEI-HE572L Datasheet
106Kb / 1P
   Medium Power Amplifier
HE641B BOWEI-HE641B Datasheet
95Kb / 1P
   Medium Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com