Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F1121AIDGVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F1121AIDGVR
Description  MIXED SIGNAL MICROCONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F1121AIDGVR Datasheet(HTML) 4 Page - Texas Instruments

  MSP430F1121AIDGVR Datasheet HTML 1Page - Texas Instruments MSP430F1121AIDGVR Datasheet HTML 2Page - Texas Instruments MSP430F1121AIDGVR Datasheet HTML 3Page - Texas Instruments MSP430F1121AIDGVR Datasheet HTML 4Page - Texas Instruments MSP430F1121AIDGVR Datasheet HTML 5Page - Texas Instruments MSP430F1121AIDGVR Datasheet HTML 6Page - Texas Instruments MSP430F1121AIDGVR Datasheet HTML 7Page - Texas Instruments MSP430F1121AIDGVR Datasheet HTML 8Page - Texas Instruments MSP430F1121AIDGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
MSP430C11x1, MSP430F11x1A
MIXED SIGNAL MICROCONTROLLER
SLAS241I − SEPTEMBER 1999 − REVISED DECEMBER 2008
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NO.
DESCRIPTION
NAME
DW, PW,
OR DGV
RGE
I/O
DESCRIPTION
P1.0/TACLK
13
13
I/O
General-purpose digital I/O pin/Timer_A, clock signal TACLK input
P1.1/TA0
14
14
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI0A input, compare: Out0
output/BSL transmit
P1.2/TA1
15
15
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI1A input, compare: Out1
output
P1.3/TA2
16
16
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI2A input, compare: Out2
output
P1.4/SMCLK/TCK
17
17
I/O
General-purpose digital I/O pin/SMCLK signal output/test clock, input terminal for
device programming and test
P1.5/TA0/TMS
18
18
I/O
General-purpose digital I/O pin/Timer_A, compare: Out0 output/test mode select,
input terminal for device programming and test
P1.6/TA1/TDI/TCLK
19
20
I/O
General-purpose digital I/O pin/Timer_A, compare: Out1 output/test data input or
test clock input
P1.7/TA2/TDO/TDI
20
21
I/O
General-purpose digital I/O pin/Timer_A, compare: Out2 output/test data output
terminal or data input during programming
P2.0/ACLK
8
6
I/O
General-purpose digital I/O pin/ACLK output
P2.1/INCLK
9
7
I/O
General-purpose digital I/O pin/Timer_A, clock signal at INCLK
P2.2/CAOUT/TA0
10
8
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI0B input/ comparator_A,
output/BSL receive
P2.3/CA0/TA1
11
10
I/O
General-purpose digital I/O pin/Timer_A, compare: Out1 output/ comparator_A,
input
P2.4/CA1/TA2
12
11
I/O
General-purpose digital I/O pin/Timer_A, compare: Out2 output/ comparator_A,
input
P2.5/ROSC
3
24
I/O
General-purpose digital I/O pin/input for external resistor that defines the DCO
nominal frequency
RST/NMI
7
5
I
Reset or nonmaskable interrupt input
TEST
1
22
I
Selects test mode for JTAG pins on Port1. The device protection fuse is connected
to TEST.
VCC
2
23
Supply voltage
VSS
4
2
Ground reference
XIN
6
4
I
Input terminal of crystal oscillator
XOUT
5
3
O
Output terminal of crystal oscillator
QFN Pad
NA
Package
Pad
NA
QFN package pad connection to VSS recommended.
TDO or TDI is selected via JTAG instruction.


Similar Part No. - MSP430F1121AIDGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F1121AIDGVR TI-MSP430F1121AIDGVR Datasheet
762Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F1121AIDGVR TI-MSP430F1121AIDGVR Datasheet
1Mb / 46P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
MSP430F1121AIDGVR TI-MSP430F1121AIDGVR Datasheet
947Kb / 40P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F1121AIDGVR TI1-MSP430F1121AIDGVR Datasheet
1Mb / 46P
[Old version datasheet]   Mixed Signal Microcontroller
More results

Similar Description - MSP430F1121AIDGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com