Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F2112TRTVR Datasheet(PDF) 5 Page - Texas Instruments

Part # MSP430F2112TRTVR
Description  MIXED SIGNAL MICROCONTROLLER
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2112TRTVR Datasheet(HTML) 5 Page - Texas Instruments

  MSP430F2112TRTVR Datasheet HTML 1Page - Texas Instruments MSP430F2112TRTVR Datasheet HTML 2Page - Texas Instruments MSP430F2112TRTVR Datasheet HTML 3Page - Texas Instruments MSP430F2112TRTVR Datasheet HTML 4Page - Texas Instruments MSP430F2112TRTVR Datasheet HTML 5Page - Texas Instruments MSP430F2112TRTVR Datasheet HTML 6Page - Texas Instruments MSP430F2112TRTVR Datasheet HTML 7Page - Texas Instruments MSP430F2112TRTVR Datasheet HTML 8Page - Texas Instruments MSP430F2112TRTVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
MSP430F21x2
www.ti.com
SLAS578H
– NOVEMBER 2007 – REVISED JUNE 2011
Table 2. Terminal Functions
TERMINAL
NO.
I/O
DESCRIPTION
NAME
RHB,
PW
RTV
General-purpose digital I/O pin
Timer0_A3, clock signal TACLK input
P1.0/TACLK/ADC10CLK/CAOUT
21
21
I/O
Timer1_A2, clock signal TACLK input
ADC10, conversion clock
Comparator_A+ output
General-purpose digital I/O pin
P1.1/TA0.0/TA1.0
22
22
I/O
Timer0_A3, capture: CCI0A input, compare: Out0 Output
Timer1_A2, capture: CCI0A input
General-purpose digital I/O pin
P1.2/TA0.1
23
23
I/O
Timer0_A3, capture: CCI1A input, compare: Out1 Output
General-purpose digital I/O pin
P1.3/TA0.2
24
24
I/O
Timer0_A3, capture: CCI2A input, compare: Out2 Output
General-purpose digital I/O pin
P1.4/SMCLK/TCK
25
25
I/O
SMCLK signal output
Test Clock input for device programming and test
General-purpose digital I/O pin
P1.5/TA0.0/TMS
26
26
I/O
Timer0_A3, compare: Out0 Output
JTAG test mode select, input terminal for device programming and test
General-purpose digital I/O pin
P1.6/TA0.1/TDI/TCLK
27
27
I/O
Timer0_A3, compare: Out1 Output
JTAG test data input or test clock input in programming an test
General-purpose digital I/O pin
P1.7/TA0.2/TDO/TDI
28
28
I/O
Timer0_A3, compare: Out2 Output
JTAG test data output terminal or test data input in programming an test
General-purpose digital I/O pin
ACLK signal output
P2.0/ACLK/A0/CA2
8
6
I/O
ADC10 analog input A0
Comparator_A+ input
General-purpose digital I/O pin
SMCLK signal output
Timer0_A3, clock signal TACLK input
P2.1/TAINCLK/SMCLK/A1/CA3
9
7
I/O
Timer1_A2, clock signal TACLK input
ADC10 analog input A1
Comparator_A+ input
General-purpose digital I/O pin
Timer0_A3, capture: CCI0B input, compare: Out0 Output
P2.2/TA0.0/A2/CA4/CAOUT
10
8
I/O
ADC10 analog input A2
Comparator_A+ input
Comparator_A+ output
General-purpose digital I/O pin
Timer0_A3, compare: Out1 Output
P2.3/TA0.1/A3/VREF-/VeREF-/CA0
19
18
I/O
ADC10 analog input A3 / negative reference
Comparator_A+ input
Copyright
© 2007–2011, Texas Instruments Incorporated
5


Similar Part No. - MSP430F2112TRTVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2112TRTVR TI1-MSP430F2112TRTVR Datasheet
1Mb / 80P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2112TRTVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com