Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F112IPW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F112IPW
Description  MIXED SIGNAL MICROCONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F112IPW Datasheet(HTML) 3 Page - Texas Instruments

  MSP430F112IPW Datasheet HTML 1Page - Texas Instruments MSP430F112IPW Datasheet HTML 2Page - Texas Instruments MSP430F112IPW Datasheet HTML 3Page - Texas Instruments MSP430F112IPW Datasheet HTML 4Page - Texas Instruments MSP430F112IPW Datasheet HTML 5Page - Texas Instruments MSP430F112IPW Datasheet HTML 6Page - Texas Instruments MSP430F112IPW Datasheet HTML 7Page - Texas Instruments MSP430F112IPW Datasheet HTML 8Page - Texas Instruments MSP430F112IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
MSP430F11x
MIXED SIGNAL MICROCONTROLLER
SLAS256D − NOVEMBER 1999 − REVISED SEPTEMBER 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
P1.0/TACLK
13
I/O
General-purpose digital I/O pin/Timer_A, clock signal TACLK input
P1.1/TA0
14
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI0A input, compare: Out0 output/BSL transmit
P1.2/TA1
15
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI1A input, compare: Out1 output
P1.3/TA2
16
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI2A input, compare: Out2 output
P1.4/SMCLK/TCK
17
I/O
General-purpose digital I/O pin/SMCLK signal output/test clock, input terminal for device programming
and test
P1.5/TA0/TMS
18
I/O
General-purpose digital I/O pin/Timer_A, compare: Out0 output/test mode select, input terminal for
device programming and test
P1.6/TA1/TDI
19
I/O
General-purpose digital I/O pin/Timer_A, compare: Out1 output/test data input terminal
P1.7/TA2/TDO/TDI†
20
I/O
General-purpose digital I/O pin/Timer_A, compare: Out2 output/test data output terminal or data input
during programming
P2.0/ACLK
8
I/O
General-purpose digital I/O pin/ACLK output
P2.1/INCLK
9
I/O
General-purpose digital I/O pin/Timer_A, clock signal at INCLK
P2.2/TA0
10
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI0B input, compare: Out0 output/BSL receive
P2.3/TA1
11
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI1B input, compare: Out1 output
P2.4/TA2
12
I/O
General-purpose digital I/O pin/Timer_A, compare: Out2 output
P2.5/ROSC
3
I/O
General-purpose digital I/O pin/Input for external resistor that defines the DCO nominal frequency
RST/NMI
7
I
Reset or nonmaskable interrupt input
TEST
1
I
Selects test mode for JTAG pins on Port1. Must be tied low with less than 30 k
Ω.
VCC
2
Supply voltage
VSS
4
Ground reference
XIN
6
I
Input terminal of crystal oscillator
XOUT/TCLK
5
I/O
Output terminal of crystal oscillator or test clock input
† TDO or TDI is selected via JTAG instruction.


Similar Part No. - MSP430F112IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F112IPW TI-MSP430F112IPW Datasheet
473Kb / 29P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F112IPW TI1-MSP430F112IPW Datasheet
562Kb / 34P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F112IPW TI1-MSP430F112IPW Datasheet
1Mb / 36P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F112IPW TI1-MSP430F112IPW Datasheet
1Mb / 36P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F112IPW TI1-MSP430F112IPW Datasheet
1Mb / 36P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F112IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com