Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430AFE233IPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430AFE233IPWR
Description  MIXED SIGNAL MICROCONTROLLER
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430AFE233IPWR Datasheet(HTML) 5 Page - Texas Instruments

  MSP430AFE233IPWR Datasheet HTML 1Page - Texas Instruments MSP430AFE233IPWR Datasheet HTML 2Page - Texas Instruments MSP430AFE233IPWR Datasheet HTML 3Page - Texas Instruments MSP430AFE233IPWR Datasheet HTML 4Page - Texas Instruments MSP430AFE233IPWR Datasheet HTML 5Page - Texas Instruments MSP430AFE233IPWR Datasheet HTML 6Page - Texas Instruments MSP430AFE233IPWR Datasheet HTML 7Page - Texas Instruments MSP430AFE233IPWR Datasheet HTML 8Page - Texas Instruments MSP430AFE233IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
MSP430AFE2x3
MSP430AFE2x2
MSP430AFE2x1
www.ti.com
SLAS701A
– NOVEMBER 2010 – REVISED MARCH 2011
Table 2. Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
A0.0+
1
I
SD24_A positive analog input A0.0(1)
A0.0-
2
I
SD24_A negative analog input A0.0(1)
A1.0+
3
I
SD24_A positive analog input A1.0 (not available on MSP430AFE2x1)(1)
A1.0-
4
I
SD24_A negative analog input A1.0 (not available on MSP430AFE2x1)(1)
AVCC
5
Analog supply voltage, positive terminal. Must not power up prior to DVCC.
AVSS
6
Analog supply voltage, negative terminal
Input for an external reference voltage/
VREF
7
I/O
output for internal reference voltage (can be used as mid-voltage)
SD24_A positive analog input A2.0 (not available on MSP430AFE2x2 and
A2.0+
8
I
MSP430AFE2x1)(1)
SD24_A negative analog input A2.0 (not available on MSP430AFE2x2 and
A2.0-
9
I
MSP430AFE2x1)(1)
Selects test mode for JTAG pins on P1.5 to P1.7 and P2.0.
TEST/SBWTCK
10
I
The device protection fuse is connected to TEST.
Spy-Bi-Wire test clock input for device programming and test.
Reset or nonmaskable interrupt input
RST/NMI/SBWTDIO
11
I
Spy-Bi-Wire test data input/output for device programming and test.
General-purpose digital I/O pin
Analog input to supply voltage supervisor
P1.0/SVSIN/TACLK/SMCLK/TA2
12
I/O
Timer_A3, clock signal TACLK input
SMCLK signal output
Timer_A3, compare: Out2 Output
DVSS
13
Digital supply voltage, negative terminal
Input terminal of crystal oscillator
P2.6/XT2IN
14
I/O
General-purpose digital I/O pin
Output terminal of crystal oscillator
P2.7/XT2OUT
15
I/O
General-purpose digital I/O pin
DVCC
16
Digital supply voltage, positive terminal.
General-purpose digital I/O pin
P1.1/TA1/SDCLK
17
I/O
Timer_A3, capture: CCI1A and CCI1B inputs, compare: Out1 output
SD24_A bit stream clock output
General-purpose digital I/O pin
P1.2/TA0/SD0DO
18
I/O
Timer_A3, capture: CCI0A and CCI0B inputs, compare: Out0 output
SD24_A bit stream data output for channel 0
General-purpose digital I/O pin
P1.3/UTXD0/SD1DO
19
I/O
Transmit data out - USART0/UART mode
SD24_A bit stream data output for channel 1 (not available on MSP430AFE2x1)
General-purpose digital I/O pin
Receive data in - USART0/UART mode
P1.4/URXD0/SD2DO
20
I/O
SD24_A bit stream data output for channel 2 (not available on MSP430AFE2x2 and
MSP430AFE2x1)
General-purpose digital I/O
Slave in/master out of USART0/SPI mode
P1.5/SIMO0/SVSOUT/TMS
21
I/O
SVS: output of SVS comparator
JTAG test mode select. TMS is used as an input port for device programming and
test.
General-purpose digital I/O pin
Slave out/master in of USART0/SPI mode
P1.6/SOMI0/TA2/TCK
22
I/O
Timer_A3, compare: Out2 output
JTAG test clock. TCK is the clock input port for device programming and test.
General-purpose digital I/O pin
External clock input - USART0/UART or SPI mode, clock output - USART0/SPI
mode.
P1.7/UCLK0/TA1/TDO/TDI
23
I/O
Timer_A3, compare: Out1 output
JTAG test data output port. TDO/TDI data output or programming data input
terminal.
(1)
It is recommended to short unused analog input pairs and connect them to analog ground.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - MSP430AFE233IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430AFE233IPWR TI1-MSP430AFE233IPWR Datasheet
916Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430AFE233IPWR TI1-MSP430AFE233IPWR Datasheet
1Mb / 50P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430AFE233IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com