Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430P337AIPJMR Datasheet(PDF) 1 Page - Texas Instruments

Part # MSP430P337AIPJMR
Description  MIXED SIGNAL MICROCONTROLLERS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430P337AIPJMR Datasheet(HTML) 1 Page - Texas Instruments

  MSP430P337AIPJMR Datasheet HTML 1Page - Texas Instruments MSP430P337AIPJMR Datasheet HTML 2Page - Texas Instruments MSP430P337AIPJMR Datasheet HTML 3Page - Texas Instruments MSP430P337AIPJMR Datasheet HTML 4Page - Texas Instruments MSP430P337AIPJMR Datasheet HTML 5Page - Texas Instruments MSP430P337AIPJMR Datasheet HTML 6Page - Texas Instruments MSP430P337AIPJMR Datasheet HTML 7Page - Texas Instruments MSP430P337AIPJMR Datasheet HTML 8Page - Texas Instruments MSP430P337AIPJMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
MSP430C33x, MSP430P337A
MIXED SIGNAL MICROCONTROLLERS
SLAS227A – OCTOBER 1999 – REVISED JUNE 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low Supply Voltage Range 2.5 V – 5.5 V
D Low Operation Current, 400 mA at 1 MHz,
3V
D Ultralow-Power Consumption:
– Standby Mode: 2
µA
– RAM Retention Off Mode: 0.1
µA
D Five Power-Saving Modes
D Wake-Up From Standby Mode in 6 µs
D 16-Bit RISC Architecture, 300 ns Instruction
Cycle Time
D Single Common 32 kHz Crystal, Internal
System Clock up to 3.8 MHz
D Integrated LCD Driver for up to 120
Segments
D Integrated Hardware Multiplier Performs
Signed, Unsigned on Multiply, and MAC
Operations for Operands up to 16
× 16 Bits
D Serial Communication Interface (USART),
Select Asynchronous UART or
Synchronous SPI by Software
D Slope A/D Converter Using External
Components
D 16-Bit Timer With Five Capture/Compare
Registers
D Serial Onboard Programming
D Programmable Code Protection by Security
Fuse
D Family Members Include:
– MSP430C336 – 24 KB ROM, 1 KB RAM
– MSP430C337 – 32 KB ROM, 1 KB RAM
– MSP430P337A – 32 KB OTP, 1 KB RAM
D EPROM Version Available for Prototyping:
– PMS430E337A
D Available in the Following Packages:
– 100 Pin Quad Flat-Pack (QFP)
– 100 Pin Ceramic Quad Flat-Pack (CFP)
(EPROM Version)
description
The Texas Instruments MSP430 is an ultralow-power mixed signal microcontroller family consisting of several
devices featuring different sets of modules targeted to various applications. The controller is designed to be
battery-operated for an extended application lifetime. With the 16-bit RISC architecture, 16 integrated registers
on the CPU, and a constant generator, the MSP430 achieves maximum code efficiency. The digital-controlled
oscillator, together with the frequency lock loop (FLL), provides a wake-up from a low-power mode to an active
mode in less than 6
ms. The MSP430x33x series microcontrollers have built-in hardware multiplication and
communication capability using asynchronous (UART) and synchronous protocols.
Typical applications of the MSP430 family include electronic gas, water, and electric meters and other sensor
systems that capture analog signals, convert them to digital values, process, displays, or transmits data to a
host system.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
PLASTIC QFP
(PJM)
CERAMIC QFP
(HFD)
40
°Cto85°C
MSP430C336IPJM
MSP430C337IPJM
– 40
°C to 85°C
MSP430C337IPJM
MSP430P337AIPJM
25
°C
PMS430E337AHFD
25
°C
PMS430E337AHFD
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 2000, Texas Instruments Incorporated


Similar Part No. - MSP430P337AIPJMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430P337AIPJM TI-MSP430P337AIPJM Datasheet
390Kb / 30P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430P337AIPJM TI-MSP430P337AIPJM Datasheet
543Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
More results

Similar Description - MSP430P337AIPJMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com