Electronic Components Datasheet Search |
|
MSP430AFE222IPWR Datasheet(PDF) 7 Page - Texas Instruments |
|
|
MSP430AFE222IPWR Datasheet(HTML) 7 Page - Texas Instruments |
7 / 47 page General-PurposeRegister ProgramCounter StackPointer StatusRegister ConstantGenerator General-PurposeRegister General-PurposeRegister General-PurposeRegister PC/R0 SP/R1 SR/CG1/R2 CG2/R3 R4 R5 R12 R13 General-PurposeRegister General-PurposeRegister R6 R7 General-PurposeRegister General-PurposeRegister R8 R9 General-PurposeRegister General-PurposeRegister R10 R11 General-PurposeRegister General-PurposeRegister R14 R15 MSP430AFE2x3 MSP430AFE2x2 MSP430AFE2x1 www.ti.com SLAS701A – NOVEMBER 2010 – REVISED MARCH 2011 SHORT-FORM DESCRIPTION CPU The MSP430 ™ CPU has a 16-bit RISC architecture that is highly transparent to the application. All operations, other than program-flow instructions, are performed as register operations in conjunction with seven addressing modes for source operand and four addressing modes for destination operand. The CPU is integrated with 16 registers that provide reduced instruction execution time. The register-to-register operation execution time is one cycle of the CPU clock. Four of the registers, R0 to R3, are dedicated as program counter, stack pointer, status register, and constant generator respectively. The remaining registers are general-purpose registers. Peripherals are connected to the CPU using data, address, and control buses and can be handled with all instructions. Instruction Set The instruction set consists of 51 instructions with three formats and seven address modes. Each instruction can operate on word and byte data. Table 3 shows examples of the three types of instruction formats; Table 4 shows the address modes. Table 3. Instruction Word Formats INSTRUCTION FORMAT EXAMPLE OPERATION Dual operands, source-destination ADD R4,R5 R4 + R5 → R5 Single operands, destination only CALL R8 PC → (TOS), R8 → PC Relative jump, unconditional/conditional JNE Jump-on-equal bit = 0 Table 4. Address Mode Descriptions ADDRESS MODE S(1) D(2) SYNTAX EXAMPLE OPERATION Register ✓ ✓ MOV Rs,Rd MOV R10,R11 R10 → R11 Indexed ✓ ✓ MOV X(Rn),Y(Rm) MOV 2(R5),6(R6) M(2+R5) → M(6+R6) Symbolic (PC relative) ✓ ✓ MOV EDE,TONI M(EDE) → M(TONI) Absolute ✓ ✓ MOV &MEM,&TCDAT M(MEM) → M(TCDAT) Indirect ✓ MOV @Rn,Y(Rm) MOV @R10,Tab(R6) M(R10) → M(Tab+R6) M(R10) → R11 Indirect autoincrement ✓ MOV @Rn+,Rm MOV @R10+,R11 R10 + 2 → R10 Immediate ✓ MOV #X,TONI MOV #45,TONI #45 → M(TONI) (1) S = source (2) D = destination Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback 7 |
Similar Part No. - MSP430AFE222IPWR |
|
Similar Description - MSP430AFE222IPWR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |