Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA282AID Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA282AID
Description  High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA282AID Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA282AID Datasheet HTML 4Page - Texas Instruments INA282AID Datasheet HTML 5Page - Texas Instruments INA282AID Datasheet HTML 6Page - Texas Instruments INA282AID Datasheet HTML 7Page - Texas Instruments INA282AID Datasheet HTML 8Page - Texas Instruments INA282AID Datasheet HTML 9Page - Texas Instruments INA282AID Datasheet HTML 10Page - Texas Instruments INA282AID Datasheet HTML 11Page - Texas Instruments INA282AID Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
InputDrive(1Vto0V)
V
(5Vtomidsupply)
OUT
25 s/div
m
100
1k
10k
100k
1M
Frequency(Hz)
120
110
100
90
80
70
60
50
40
30
20
60
50
40
30
20
10
0
10
20
-
-
10
100
1k
10k
100k
1M
Frequency(Hz)
INA282(50V/V)
INA285(1kV/V)
INA284(500V/V)
INA283(200V/V)
INA286(100V/V)
150
140
130
120
110
100
90
80
70
1
10
100
1k
10k
100k
Frequency(Hz)
1k
10k
100k
1M
V
SlewRate(V/sec)
CM
0.1
0.01
0.001
0.0001
0.00001
0.000001
1k
100
10
1
0.1
10
100
1k
10k
100k
1M
Frequency(Hz)
INA282, INA283
INA284, INA285
INA286
SBOS485A – NOVEMBER 2009 – REVISED JULY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, V+ = 5V, V+IN = 12V, VREF1 = VREF2 = 2.048V referenced to GND, and VSENSE = V+IN – V–IN, unless otherwise
noted.
INA282 PSRR (RTI)
INPUT OVERLOAD
vs FREQUENCY
Figure 13.
Figure 14.
INA284
GAIN vs FREQUENCY
COMMON-MODE REJECTION RATIO (RTI)
Figure 15.
Figure 16.
INA282 COMMON-MODE
INA286 OUTPUT IMPEDANCE
SLEW RATE INDUCED OFFSET
vs FREQUENCY
Figure 17.
Figure 18.
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): INA282 INA283 INA284 INA285 INA286


Similar Part No. - INA282AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA282AID TI-INA282AID Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA282AID TI1-INA282AID Datasheet
1Mb / 36P
[Old version datasheet]   Bidirectional Current Shunt Monitors
INA282AIDGKR TI1-INA282AIDGKR Datasheet
1Mb / 36P
[Old version datasheet]   Bidirectional Current Shunt Monitors
INA282AIDGKT TI1-INA282AIDGKT Datasheet
1Mb / 36P
[Old version datasheet]   Bidirectional Current Shunt Monitors
INA282AIDR TI-INA282AIDR Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
More results

Similar Description - INA282AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA282 TI-INA282 Datasheet
706Kb / 31P
[Old version datasheet]   High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA282 TI-INA282_12 Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA283 TI-INA283_15 Datasheet
1Mb / 36P
[Old version datasheet]   INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
INA282 TI-INA282_15 Datasheet
1Mb / 36P
[Old version datasheet]   INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
INA282-Q1 TI1-INA282-Q1 Datasheet
847Kb / 30P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
logo
Texas Instruments
INA240 TI1-INA240 Datasheet
543Kb / 8P
[Old version datasheet]   Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com