Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA216A3YFFT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA216A3YFFT
Description  Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA216A3YFFT Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA216A3YFFT Datasheet HTML 5Page - Texas Instruments INA216A3YFFT Datasheet HTML 6Page - Texas Instruments INA216A3YFFT Datasheet HTML 7Page - Texas Instruments INA216A3YFFT Datasheet HTML 8Page - Texas Instruments INA216A3YFFT Datasheet HTML 9Page - Texas Instruments INA216A3YFFT Datasheet HTML 10Page - Texas Instruments INA216A3YFFT Datasheet HTML 11Page - Texas Instruments INA216A3YFFT Datasheet HTML 12Page - Texas Instruments INA216A3YFFT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
V
OUT
IN-
IN+
GND
R
SHUNT
INA216
Load
V
CM
R
P
R
P
V
OUT
IN-
IN+
GND
R
SHUNT
INA216
Load
V
= 1.8 V
to 5.5V
CM
V
OUT
IN-
IN+
GND
R
SHUNT
INA216
Load
V
CM
R
P
R
P
INA216
www.ti.com
SBOS503B – JUNE 2010 – REVISED JUNE 2010
APPLICATION INFORMATION
Basic Connections
Figure 18 shows the basic connections of the
INA216. The input pins, IN+ and IN–, should be
connected as closely as possible to the shunt resistor
to minimize any resistance in series with the shunt
resistance.
Figure 20. Shunt Resistance Measurement Using
a Kelvin Connection
Power Supply
The INA216 does not have a dedicated power-supply
pin. Instead, an internal connection to the IN+ pin
serves as the power supply for this device. Because
Figure 18. Typical Application
the INA216 is powered from the IN+ pin, the
common-mode input range is limited on the low end
Figure 19 illustrates the INA216 connected to a shunt
to 1.8V. Therefore, the INA216 cannot be used as a
resistor with additional trace resistance in series with
low-side current shunt monitor.
the shunt placed between where the current shunt
monitors the input pins. With the typically low shunt
Selecting RS
resistor values commonly used in these applications,
even small amounts of additional impedance in series
The selection of the value of the shunt resistor (RS) to
with the shunt resistor can significantly affect the
use with the INA216 is based on the specific
differential voltage present at the INA216 input pins.
operating
conditions
and
requirements
of
the
application. The starting point for selecting the
resistor is to first determine the desired full-scale
output from the INA216. The INA216 is available in
four gain options: 25, 50, 100, and 200. By dividing
the desired full-scale output by each of the gain
options, there are then four available differential input
voltages that can achieve the desired full-scale output
voltage, given that the appropriate gain device is
used. With four values for the total voltage that is to
be dropped across the shunt, the decision on how
much of a drop is allowed in the application must be
made. Most applications have a maximum drop
allowed to ensure that the load receives the required
voltage necessary to operate. Assuming that there
Figure 19. Shunt Resistance Measurement
are now multiple shunt voltages that are acceptable
Including Trace Resistance, RP
(based on the design criteria), the choice of what
value shunt resistor to use can be made based on
Figure 20 shows a proper Kelvin, or four-wire,
accuracy. As a result of the INA216 auto-zero
connection of the shunt resistor to the INA216 input
architecture, the input offset voltage is extremely low.
pins. This connection helps ensure that the only
However, even the 100mV maximum input offset
impedance between the current monitor input pins is
voltage specification plays a role in the decision of
the shunt resistor.
which shunt resistor value to choose. With a larger
shunt voltage present at the current shunt monitor
input, less error is introduced by the input offset
voltage.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): INA216


Similar Part No. - INA216A3YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA216A3YFFT TI-INA216A3YFFT Datasheet
438Kb / 18P
[Old version datasheet]   Small size,Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
INA216A3YFFT TI1-INA216A3YFFT Datasheet
994Kb / 23P
[Old version datasheet]   Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR
More results

Similar Description - INA216A3YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA216 TI-INA216 Datasheet
438Kb / 18P
[Old version datasheet]   Small size,Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
logo
Analog Devices
AD8219 AD-AD8219 Datasheet
288Kb / 16P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. A
logo
Texas Instruments
INA216 TI-INA216_15 Datasheet
941Kb / 23P
[Old version datasheet]   Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zer첩-Drift Series
INA216 TI1-INA216_16 Datasheet
994Kb / 23P
[Old version datasheet]   Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR
logo
Analog Devices
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8217 AD-AD8217 Datasheet
314Kb / 16P
   High Resolution, Zero-Drift Current Shunt Monitor
REV. 0
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com