Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA285 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA285
Description  High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA285 Datasheet(HTML) 5 Page - Texas Instruments

  INA285 Datasheet HTML 1Page - Texas Instruments INA285 Datasheet HTML 2Page - Texas Instruments INA285 Datasheet HTML 3Page - Texas Instruments INA285 Datasheet HTML 4Page - Texas Instruments INA285 Datasheet HTML 5Page - Texas Instruments INA285 Datasheet HTML 6Page - Texas Instruments INA285 Datasheet HTML 7Page - Texas Instruments INA285 Datasheet HTML 8Page - Texas Instruments INA285 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
1
2
3
4
8
7
6
5
-IN
GND
REF2
NC
(1)
OUT
V+
REF1
+IN
INA282, INA283
INA284, INA285
INA286
www.ti.com
SBOS485A – NOVEMBER 2009 – REVISED JULY 2010
PIN CONFIGURATION
D PACKAGE
SOIC-8
(TOP VIEW)
(1)
NC: This pin is not internally connected. The NC pin should either be left floating or connected to GND.
PIN DESCRIPTIONS
SOIC-8
PIN NO.
NAME
DESCRIPTION
1
–IN
Connection to negative side of shunt resistor.
2
GND
Ground
3
REF2
Reference voltage connection - See application section for connection options.
4
NC
This pin is not internally connected. The NC pin should either be left floating or connected to GND.
5
OUT
Output voltage
6
V+
Power supply
7
REF1
Reference voltage connection - See application section for connection options.
8
+IN
Connection to positive side of shunt resistor.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): INA282 INA283 INA284 INA285 INA286


Similar Part No. - INA285

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA285 TI-INA285 Datasheet
706Kb / 31P
[Old version datasheet]   High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA285 TI-INA285 Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA285-Q1 TI-INA285-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   INA28x-Q1 Automotive Grade, ??4-V to 80-V, Bidirectional, High Accuracy, Low- or High-Side, Voltage Output, Current Shunt Monitor
INA285AID TI-INA285AID Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA285AID TI1-INA285AID Datasheet
1Mb / 36P
[Old version datasheet]   Bidirectional Current Shunt Monitors
More results

Similar Description - INA285

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA282 TI-INA282 Datasheet
706Kb / 31P
[Old version datasheet]   High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA282 TI-INA282_12 Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA283 TI-INA283_15 Datasheet
1Mb / 36P
[Old version datasheet]   INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
INA282 TI-INA282_15 Datasheet
1Mb / 36P
[Old version datasheet]   INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
INA282-Q1 TI1-INA282-Q1 Datasheet
847Kb / 30P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
logo
Texas Instruments
INA240 TI1-INA240 Datasheet
543Kb / 8P
[Old version datasheet]   Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com