Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2533F96RHAR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC2533F96RHAR
Description  An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2533F96RHAR Datasheet(HTML) 3 Page - Texas Instruments

  CC2533F96RHAR Datasheet HTML 1Page - Texas Instruments CC2533F96RHAR Datasheet HTML 2Page - Texas Instruments CC2533F96RHAR Datasheet HTML 3Page - Texas Instruments CC2533F96RHAR Datasheet HTML 4Page - Texas Instruments CC2533F96RHAR Datasheet HTML 5Page - Texas Instruments CC2533F96RHAR Datasheet HTML 6Page - Texas Instruments CC2533F96RHAR Datasheet HTML 7Page - Texas Instruments CC2533F96RHAR Datasheet HTML 8Page - Texas Instruments CC2533F96RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
RESET
WATCHDOG
TIMER
IRQ CTRL
FLASH CTRL
DEBUG
INTERFACE
CLOCK MUX
and
CALIBRATION
DMA
8051 CPU
CORE
32-MHz
CRYSTAL OSC
32.768-kHz
CRYSTAL OSC
HIGH-
SPEED
RC-OSC
POWER MANAGEMENT CONTROLLER
USART 0
BATTERY AND TEMPERATURE
MONITOR
USART 1
TIMER 1 (16-Bit, IR Gen)
TIMER 3 (8-Bit)
TIMER 4 (8-Bit)
TIMER 2
(IEEE 802.15.4 MAC TIMER)
32/64/96-KB
FLASH
4/6 KB RAM
ON-CHIP VOLTAGE
REGULATOR
POWER-ON RESET
BROWN OUT
VDD (2 V–3.6 V)
DCOUPL
RESET_N
XOSC_Q2
XOSC_Q1
P2_4
P1_7
P0_7
P2_3
P1_6
P0_6
P2_2
P1_5
P0_5
P1_2
P0_2
P2_1
P1_4
P0_4
P1_1
P0_1
P2_0
P1_3
P0_3
P1_0
P0_0
B0301-04
RADIO DATA INTERFACE
CSMA/CA STROBE PROCESSOR
RADIO REGISTERS
MODULATOR
DEMODULATOR
and
AGC
RECEIVE
TRANSMIT
RF_P
RF_N
MEMORY
ARBITRATOR
FLASH
RAM
UNIFIED
SFR
IRAM
XRAM
PDATA
SLEEP TIMER
32-kHz
RC-OSC
DIGITAL
ANALOG
MIXED
I C
2
SCL
SDA
CC2533
www.ti.com
SWRS087 – JUNE 2010
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CC2533


Similar Part No. - CC2533F96RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2533F96RHAR TI-CC2533F96RHAR Datasheet
887Kb / 34P
[Old version datasheet]   An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
More results

Similar Description - CC2533F96RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2533 TI-CC2533 Datasheet
887Kb / 34P
[Old version datasheet]   An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
CC2533 TI-CC2533_12 Datasheet
879Kb / 34P
[Old version datasheet]   An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com