Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2531F256RHAR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CC2531F256RHAR
Description  A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2531F256RHAR Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC2531F256RHAR Datasheet HTML 4Page - Texas Instruments CC2531F256RHAR Datasheet HTML 5Page - Texas Instruments CC2531F256RHAR Datasheet HTML 6Page - Texas Instruments CC2531F256RHAR Datasheet HTML 7Page - Texas Instruments CC2531F256RHAR Datasheet HTML 8Page - Texas Instruments CC2531F256RHAR Datasheet HTML 9Page - Texas Instruments CC2531F256RHAR Datasheet HTML 10Page - Texas Instruments CC2531F256RHAR Datasheet HTML 11Page - Texas Instruments CC2531F256RHAR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
CC2531F128, CC2531F256
SWRS086A – SEPTEMBER 2009 – REVISED JUNE 2010
www.ti.com
32-MHz CRYSTAL OSCILLATOR
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C and VDD = 3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Crystal frequency
32
MHz
Crystal frequency accuracy
–40
40
ppm
requirement(1)
ESR
Equivalent series resistance
6
60
C0
Crystal shunt capacitance
1
7
pF
CL
Crystal load capacitance
10
16
pF
Start-up time
0.3
ms
The crystal oscillator must be in power down for a
guard time before it is used again. This
Power-down guard time
requirement is valid for all modes of operation. The
3
ms
need for power-down guard time can vary with
crystal type and load.
(1)
Including aging and temperature dependency, as specified by [1]
32.768-kHz CRYSTAL OSCILLATOR
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C and VDD = 3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Crystal frequency
32.768
kHz
Crystal frequency accuracy
–40
40
ppm
requirement(1)
ESR
Equivalent series resistance
40
130
k
C0
Crystal shunt capacitance
0.9
2
pF
CL
Crystal load capacitance
12
16
pF
Start-up time
0.4
s
(1)
Including aging and temperature dependency, as specified by [1]
32-kHz RC OSCILLATOR
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C and VDD = 3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Calibrated frequency(1)
32.753
kHz
Frequency accuracy after calibration
±0.2%
Temperature coefficient(2)
0.4
%/°C
Supply-voltage coefficient(3)
3
%/V
Calibration time(4)
2
ms
(1)
The calibrated 32-kHz RC oscillator frequency is the 32-MHz XTAL frequency divided by 977.
(2)
Frequency drift when temperature changes after calibration
(3)
Frequency drift when supply voltage changes after calibration
(4)
When the 32-kHz RC oscillator is enabled, it is calibrated when a switch from the 16-MHz RC oscillator to the 32-MHz crystal oscillator
is performed while SLEEPCMD.OSC32K_CALDIS is 0.
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): CC2531F128 CC2531F256


Similar Part No. - CC2531F256RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2531F256RHAR TI-CC2531F256RHAR Datasheet
850Kb / 32P
[Old version datasheet]   A USB Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F256RHAR TI-CC2531F256RHAR Datasheet
893Kb / 36P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results

Similar Description - CC2531F256RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2531F128 TI-CC2531F128_15 Datasheet
893Kb / 36P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531 TI-CC2531 Datasheet
850Kb / 32P
[Old version datasheet]   A USB Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128 TI-CC2531F128_12 Datasheet
743Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com