Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2576S Datasheet(PDF) 15 Page - Semtech Corporation

Part # LM2576S
Description  1A & 3A Miniconverter Switching Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LM2576S Datasheet(HTML) 15 Page - Semtech Corporation

Back Button LM2576S Datasheet HTML 11Page - Semtech Corporation LM2576S Datasheet HTML 12Page - Semtech Corporation LM2576S Datasheet HTML 13Page - Semtech Corporation LM2576S Datasheet HTML 14Page - Semtech Corporation LM2576S Datasheet HTML 15Page - Semtech Corporation LM2576S Datasheet HTML 16Page - Semtech Corporation LM2576S Datasheet HTML 17Page - Semtech Corporation LM2576S Datasheet HTML 18Page - Semtech Corporation LM2576S Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
ã 2001 Semtech Corp.
www.semtech.com
LM2575 & LM2576
POWER MANAGEMENT
5
7
5
2
M
L6
7
5
2
M
L
C
N
I
F
µ
7
4F
µ
0
0
1
1
D
A
3A
7
1
L
H
µ
0
0
1H
µ
8
6
C
T
U
O
F
µ
0
0
7
,
2F
µ
0
0
8
,
6
I
T
U
O
A
m
0
5
2A
m
0
0
5
5
7
5
2
M
L6
7
5
2
M
L
C
N
I
F
µ
7
4F
µ
0
0
1
1
D
A
3A
7
1
L
H
µ
0
0
1H
µ
8
6
C
T
U
O
F
µ
0
7
4F
µ
0
0
7
,
2
I
T
U
O
A
m
0
0
1A
m
0
5
7
Inverting buck/boost operation is a different topology of
operation than buck. This difference reduces the output
current capability of the device, in that the inductor must
supply all of the load current during the time the power
switch is off. Maximum output current is approximately:
)
2576
LM
(
V
V
1
2
5
.
3
I
IN
O
OUT

+
)
2575
LM
(
V
V
1
2
3
.
1
I
IN
O
OUT

+
Component stress requirements are very similar to the
buck with a few exceptions:
(1) catch diode breakdown V
BR must be greater than
V
IN + |VOUT|
(2) input capacitor is larger due to the increased peak
current during switch turn on. Power dissipation is
approximately:
IN
O
IN
SAT
IN
O
O
IN
O
O
D
V
V
V
02
.
0
V
V
V
1
I
V
V
V
P
+
+
+
Please contact factory for additional assistance when
using the buck/boost topology.
Applications Information - Inverting Buck/Boost


Similar Part No. - LM2576S

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2576S-12 NSC-LM2576S-12 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576S-12 TI1-LM2576S-12 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576S-12 TI1-LM2576S-12 Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576S-12 TI1-LM2576S-12 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576S-12 ARTSCHIP-LM2576S-12 Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
More results

Similar Description - LM2576S

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
List of Unclassifed Man...
SIS03VE ETC2-SIS03VE Datasheet
103Kb / 5P
   3A, 7A and 12A switching regulators
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com