Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB16KKW01B05BB Datasheet(PDF) 11 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KB16KKW01B05BB
Description  0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KB16KKW01B05BB Datasheet(HTML) 11 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button KB16KKW01B05BB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KB16KKW01B05BB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KB16KKW01B05BB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KB16KKW01B05BB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. KB16KKW01B05BB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. KB16KKW01B05BB Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. KB16KKW01B05BB Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. KB16KKW01B05BB Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. KB16KKW01B05BB Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Series KB
Miniature Pushbuttons
www.nkk.com
D33
D
OPTIONAL ACCESSORIES
PCB Adaptors
Dust Covers
AT701
Single Pole
Straight PC
Terminals
AT702
Double Pole
Straight PC
Terminals
Material: Glass fiber reinforced polyamide
Note: Order adaptors separately
+
-
6
5
41
2
3
NC
COM
NO
(0.2) Typ
.008
(2.54) Typ
.100
(10.16)
.400
(2.54) Typ
.100
(0.2) Typ
.008
Keyway
(12.0) Dia
.472
Switch
Depth
(2.8)
.110
(0.3)
.012
(9.8)
.386
(3.1)
.122
(0.6) Typ
.024
+
-
6
5
41
2
3
NC
COM
NO
(0.2) Typ
.008
(2.54) Typ
.100
(10.16)
.400
(2.54) Typ
.100
(0.2) Typ
.008
Keyway
(12.0) Dia
.472
Switch
Depth
(2.8)
.110
(0.3)
.012
(9.8)
.386
(3.1)
.122
(0.6) Typ
.024
3NC
1
2COM
(2.54) Typ
.100
(2.54) Typ
.100
(0.8) Dia Typ
.031
(10.16)
.400
NO
3NC
1
2COM
(2.54) Typ
.100
(2.54) Typ
.100
(0.8) Dia Typ
.031
(10.16)
.400
NO
6
5
4
Material: Lid: PVC
PVC loses pliability below 0°C (32°F).
Base: Polyamide
Panel Thickness Range: .020 ~ .268” (0.5 ~ 6.8mm) for Bushing Mounting; .020 ~ .079” (0.5 ~ 2.0mm) for Snap-in Mounting
Dust Covers reduce the depth of switch behind panel by .047” (1.2mm).
AT495
For Square & Round
(not for Barrier type)
AT4025
For Rectangular
(not for Barrier type)
(12.3) Dia
.484
(5.1)
.201
(21.0) Sq
.827
(7.0)
.276
(1.2) R
.047
(1.6)
.063
(25.4)
1.004
(1.2) R
.047
(21.0)
.827
(12.3) Dia
.484
(7.0)
.276
(11.8)
.465
Assembled
Cap Height
(13.0) Sq
.512
(6.5)
.256
Assembled
Cap Height
(13.0) Sq
.512
(6.5)
.256
(11.8)
.465


Similar Part No. - KB16KKW01B05BB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KB16KKW01B NKK-KB16KKW01B Datasheet
400Kb / 10P
   Miniature Pushbuttons
KB16KKW01B-05-A NKK-KB16KKW01B-05-A Datasheet
433Kb / 14P
   General Specifications
KB16KKW01B-05-BB NKK-KB16KKW01B-05-BB Datasheet
433Kb / 14P
   General Specifications
KB16KKW01B-05-CB NKK-KB16KKW01B-05-CB Datasheet
433Kb / 14P
   General Specifications
KB16KKW01B-05-CC NKK-KB16KKW01B-05-CC Datasheet
433Kb / 14P
   General Specifications
More results

Similar Description - KB16KKW01B05BB

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4412 MSK-MSK4412_15 Datasheet
223Kb / 5P
   42V Maximum Supply Voltage: 28V Nominal
logo
SHANGHAI BELLING CO., L...
BL78L05D BELLING-BL78L05D Datasheet
113Kb / 3P
   Maximum Output current - 0.1A
logo
Delta Electronics, Inc.
PACSR28018 DELTA-PACSR28018 Datasheet
776Kb / 7P
   28V Output AC/DC Converter, Module Package
PACSR28010 DELTA-PACSR28010 Datasheet
830Kb / 7P
   28V Output AC/DC Converter, Module Package
logo
PULS GmbH
ML70.100 PULS-ML70.100 Datasheet
962Kb / 2P
   DC 24-28V / 72W
logo
Maxim Integrated Produc...
MAX16929EVKIT MAXIM-MAX16929EVKIT Datasheet
1Mb / 9P
   4.5V to 28V Input Range
Rev 0; 4/11
logo
PULS GmbH
ML95.100 PULS-ML95.100 Datasheet
465Kb / 2P
   DC 24-28V / 95W
ML100.100 PULS-ML100.100 Datasheet
212Kb / 2P
   DC 24-28V / 100W
logo
Maxim Integrated Produc...
MAX14727EVKIT MAXIM-MAX14727EVKIT Datasheet
666Kb / 8P
   3V to 28V Operating Voltage Range
Rev 0; 7/17
logo
SG Micro Corp
SGM61232 SGMICRO-SGM61232 Datasheet
951Kb / 19P
   28V, 3A, Buck DC/DC Converter
JANUARY2023-REV.A.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com