Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2480 Datasheet(PDF) 9 Page - Texas Instruments

Part # CC2480
Description  Z-Accel 2.4 GHz ZigBee Processor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2480 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC2480_11 Datasheet HTML 5Page - Texas Instruments CC2480_11 Datasheet HTML 6Page - Texas Instruments CC2480_11 Datasheet HTML 7Page - Texas Instruments CC2480_11 Datasheet HTML 8Page - Texas Instruments CC2480_11 Datasheet HTML 9Page - Texas Instruments CC2480_11 Datasheet HTML 10Page - Texas Instruments CC2480_11 Datasheet HTML 11Page - Texas Instruments CC2480_11 Datasheet HTML 12Page - Texas Instruments CC2480_11 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
CC2480
5.2
RF Receive Section
Measured on Texas Instruments
CC2480 EM reference design with TA=25°C and VDD=3.0V
unless stated otherwise.
Table 5: RF Receive Parameters
Parameter
Min
Typ
Max
Unit
Condition/Note
Receiver sensitivity
-92
dBm
PER = 1%, as specified by [1]
Measured in 50
Ω single endedly through a balun.
[1] requires –85 dBm
Saturation (maximum input
level)
10
dBm
PER = 1%, as specified by [1]
Measured in 50
Ω single endedly through a balun.
[1] requires –20 dBm
Adjacent channel rejection
+ 5 MHz channel spacing
41
dB
Wanted signal -88dBm, adjacent modulated channel
at +5 MHz, PER = 1 %, as specified by [1].
[1] requires 0 dB
Adjacent channel rejection
- 5 MHz channel spacing
30
dB
Wanted signal -88dBm, adjacent modulated channel
at -5 MHz, PER = 1 %, as specified by [1].
[1] requires 0 dB
Alternate channel rejection
+ 10 MHz channel spacing
55
dB
Wanted signal -88dBm, adjacent modulated channel
at +10 MHz, PER = 1 %, as specified by [1]
[1] requires 30 dB
Alternate channel rejection
- 10 MHz channel spacing
53
dB
Wanted signal -88dBm, adjacent modulated channel
at -10 MHz, PER = 1 %, as specified by [1]
[1] requires 30 dB
Channel rejection
≥ + 15 MHz
≤ - 15 MHz
55
53
dB
dB
Wanted signal @ -82 dBm. Undesired signal is an
802.15.4 modulated channel, stepped through all
channels from 2405 to 2480 MHz. Signal level for
PER = 1%. Values are estimated.
Co-channel rejection
-6
dB
Wanted signal @ -82 dBm. Undesired signal is
802.15.4 modulated at the same frequency as the
desired signal. Signal level for PER = 1%.
Blocking / Desensitization
+ 5 MHz from band edge
+ 10 MHz from band edge
+ 20 MHz from band edge
+ 50 MHz from band edge
- 5 MHz from band edge
- 10 MHz from band edge
- 20 MHz from band edge
- 50 MHz from band edge
-42
-29
-26
-22
-31
-36
-24
-25
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
Wanted signal 3 dB above the sensitivity level, CW
jammer, PER = 1%. Measured according to EN 300
440 class 2.
Spurious emission
30 – 1000 MHz
1 – 12.75 GHz
−64
−75
dBm
dBm
Conducted measurement in a 50
Ω single ended
load. Complies with EN 300 328, EN 300 440 class
2, FCC CFR47, Part 15 and ARIB STD-T-66.
Frequency error tolerance
±140
ppm
Difference between centre frequency of the received
RF signal and local oscillator frequency.
[1] requires minimum 80 ppm
Symbol rate error tolerance
±900
ppm
Difference between incoming symbol rate and the
internally generated symbol rate
[1] requires minimum 80 ppm
5.3
RF Transmit Section
Measured on Texas Instruments
CC2480 EM reference design with TA=25°C, VDD=3.0V, and
nominal output power unless stated otherwise.
CC2480 Data Sheet SWRS074A
Page 9 of 43


Similar Part No. - CC2480_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2480A1 TI1-CC2480A1 Datasheet
953Kb / 48P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee짰 Processor
CC2480A1RTC TI-CC2480A1RTC Datasheet
691Kb / 44P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee짰 Processor
CC2480A1RTC TI1-CC2480A1RTC Datasheet
953Kb / 48P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee짰 Processor
CC2480A1RTCR TI-CC2480A1RTCR Datasheet
691Kb / 44P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee짰 Processor
CC2480A1RTCR TI1-CC2480A1RTCR Datasheet
953Kb / 48P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee짰 Processor
More results

Similar Description - CC2480_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2480 TI-CC2480 Datasheet
691Kb / 44P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee짰 Processor
CC2480A1 TI1-CC2480A1 Datasheet
953Kb / 48P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee짰 Processor
logo
RF Monolithics, Inc
ZMN2405HP RFM-ZMN2405HP Datasheet
326Kb / 6P
   2.4 GHz ZigBee Transceiver Module
logo
Dorji Industrial Group ...
DZM5168M DORJI-DZM5168M Datasheet
293Kb / 17P
   2.4-GHz Low Energy Zigbee Module
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU_09 Datasheet
4Mb / 198P
   Low Power 2.4 GHz Transceiver for ZigBee
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Skyworks Solutions Inc.
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
2Mb / 15P
   2.4-2.5 GHz WLAN/Zigbee Power Amplifier
logo
Texas Instruments
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
DK-EM2-2520Z TI-DK-EM2-2520Z Datasheet
91Kb / 2P
[Old version datasheet]   2.4 GHz ZigBee Wireless Networking on Stellaris짰
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com