Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3414 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3414
Description  SINGLE-SUPPLY DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3414 Datasheet(HTML) 1 Page - Unisonic Technologies

  3414_09 Datasheet HTML 1Page - Unisonic Technologies 3414_09 Datasheet HTML 2Page - Unisonic Technologies 3414_09 Datasheet HTML 3Page - Unisonic Technologies 3414_09 Datasheet HTML 4Page - Unisonic Technologies 3414_09 Datasheet HTML 5Page - Unisonic Technologies 3414_09 Datasheet HTML 6Page - Unisonic Technologies 3414_09 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3414
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R105-009.E
SINGLE-SUPPLY DUAL HIGH
CURRENT OPERATIONAL
AMPLIFIER
DESCRIPTION
The UTC 3414 integrated circuit is a high gain, high output
current, high output voltage swing dual operational amplifier capable
of driving 70mA.
FEATURES
*Single supply
*Operating voltage: 3V~15V
*High output current: 70mA
*Slew rate:
10V/μA(Typ.)
*Bipolar technology
Lead-free:
3414L
Halogen-free: 3414G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Halogen Free
Package
Packing
3414-D08-T
3414L-D08-T
3414G-D08-T
DIP-8
Tube
3414-P08-R
3414L-P08-R
3414G-P08-R
TSSOP-8
Tape Reel
3414-S08-R
3414L-S08-R
3414G-S08-R
SOP-8
Tape Reel


Similar Part No. - 3414_09

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3414.0112.11 SCHURTER-3414.0112.11 Datasheet
261Kb / 3P
   Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
3414.0112.22 SCHURTER-3414.0112.22 Datasheet
261Kb / 3P
   Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
3414.0112.24 SCHURTER-3414.0112.24 Datasheet
261Kb / 3P
   Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
3414.0112.26 SCHURTER-3414.0112.26 Datasheet
261Kb / 3P
   Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
3414.0112.xx SCHURTER-3414.0112.xx Datasheet
467Kb / 2P
   Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
More results

Similar Description - 3414_09

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA3414 AGAMEM-AA3414 Datasheet
185Kb / 5P
   SINGLE-SUPPLY DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
AA3414L AGAMEM-AA3414L Datasheet
185Kb / 5P
   SINGLE-SUPPLY DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTC3414 UTC-UTC3414 Datasheet
27Kb / 3P
   SINGLE-SUPPLY DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
3414 UTC-3414_15 Datasheet
219Kb / 6P
   SINGLE-SUPPLY DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM3414A NJRC-NJM3414A Datasheet
234Kb / 5P
   SINGLE-SUPPLY DUAL HIGH CURRENT OPERATIONAL AMPLIFIER???
logo
Unisonic Technologies
UTC3308 UTC-UTC3308 Datasheet
60Kb / 2P
   SINGLE-SUPPLY DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Ceramate Technical
CO3414 CERAMATE-CO3414 Datasheet
234Kb / 4P
   Single-supply Dual High Current Operational Amplifier
logo
Bookly Micro electronic
BM3414 BOOKLY-BM3414 Datasheet
229Kb / 5P
   Single-Supply Dual High Current Operational/Audio Amplifier
logo
New Japan Radio
NJM2743 NJRC-NJM2743 Datasheet
210Kb / 7P
   Single-Supply High Output Current Single Operational Amplifier
logo
Unisonic Technologies
3404 UTC-3404 Datasheet
136Kb / 5P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com