Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-65B Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PT-65B
Description  65W Triple Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PT-65B Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PT-65B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PT-65B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
PT-65A
PT-65B
PT-65C
PT-65D
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
ACCURRENT (Typ.)
5V
12V
CH2
-5V
CH3
CH1
12V
CH2
-12V
CH3
5V
CH1
15V
CH2
-15V
CH3
5V
CH1
12V
CH2
24V
CH3
5.5A
2.5A
0.5A
5.5A
2.5A
0.5A
5.5A
0.5A
4A
2A
1A
0.4~7A
0.2~3.2A 0~0.7A
0.4~7A
0.2~3.2A 0~0.7A
0.4~7A
0.2~2.6A 0~0.7A
0.5~5A
0.2~4A
0.2~1.3A
60W
63.5W
65W
68W
50mVp-p 120mVp-p 50mVp-p 50mVp-p 120mVp-p 100mVp-p 50mVp-p 120mVp-p 100mVp-p 50mVp-p 100mVp-p 200mVp-p
CH1:4.75~5.5V
4.0%
7.0%
5.0%
4.0%
7.0%
5.0%
4.0%
7.0%
5.0%
4.0%
6.0%
6.0%
1.0%
2.0%
1.0%
1.0%
1.0%
2.0%
1.0%
1.0%
2.0%
1.0%
1.0%
2.0%
3.0%
3.0%
4.0%
3.0%
4.0%
1.0%
3.0%
4.0%
1.0%
2.0%
5.0%
5.0%
800ms,20msatfullload
60msatfullload
90~264VAC127~370VDC
47~440Hz
76%
77%
77%
79%
1.5A/115VAC0.9A/230VAC
COLDSTART 20A/115VAC40A/230VAC
<0.75mA
73~95W ratedoutputpower
74.8~98.6W ratedoutputpower
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.04%/
(0~50
)on+5Voutput
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
277.2Khrsmin.MIL-HDBK-217F(25
)
127*76*42mm(L*W*H)
0.25Kg;54pcs/15.9Kg/1.35CUFT
FileName:PT-65-SPEC 2011-03-31
5.75~6.75VDConCH1
OVERVOLTAGE
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
Complianceto
EN55024,lightindustrylevel,criteria A
EN61000-4-2,3,4,5,6,8,11;ENV50204,
65W TripleOutputSwitchingPowerSupply
Features :
P T- 6 5 series
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
EMICONDUCTION&RADIATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC1min.
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Mounting holes M1 and M2 should be grounded for EMI purposes.
6. Heat Sink HS1,HS2 can not be shorted.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
Universal AC input/Full range
Low leakage current<0.5mA
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at 65KHz
2 years warranty
OUTPUTPOWER(max.)
Ratedoutputpowerforconvection;72Wwith18CFMmin.Forcedair
CH1
OUTPUTNUMBER
5V
2A


Similar Part No. - PT-65B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PT-65B ASTRODYNE-PT-65B Datasheet
1Mb / 8P
   65W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PT-65B MEANWELL-PT-65B Datasheet
429Kb / 2P
   65W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
PT-65B RSG-PT-65B Datasheet
125Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
PT-65B MEANWELL-PT-65B Datasheet
431Kb / 2P
   65W Triple Output Switching Power Supply
logo
Astrodyne Corporation
PT-65B ASTRODYNE-PT-65B Datasheet
402Kb / 6P
   65W Triple Output Switching Power Supply
More results

Similar Description - PT-65B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PT65 ASTRODYNE-PT65 Datasheet
402Kb / 6P
   65W Triple Output Switching Power Supply
RT-65 ASTRODYNE-RT-65 Datasheet
517Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RPT-65 MEANWELL-RPT-65_10 Datasheet
362Kb / 3P
   65W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
PT-65 RSG-PT-65 Datasheet
125Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
PT-65 MEANWELL-PT-65 Datasheet
429Kb / 2P
   65W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
RPT-65 RSG-RPT-65 Datasheet
258Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-65 MEANWELL-RT-65 Datasheet
439Kb / 2P
   65W Triple Output Switching Power Supply
logo
Astrodyne Corporation
RT65 ASTRODYNE-RT65 Datasheet
300Kb / 4P
   65W Triple Output Switching Power Supply
logo
Total Power Internation...
RT-65 TOTAL-POWER-RT-65 Datasheet
515Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-65 MEANWELL-RT-65_10 Datasheet
446Kb / 2P
   65W Triple Output Switching Power Supply
RPT-65 MEANWELL-RPT-65_11 Datasheet
362Kb / 3P
   65W Triple Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com