Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAD1-04010CBJW11 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # FAD1-04010CBJW11
Description  40x40x10mm DC AXIAL FAN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

FAD1-04010CBJW11 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  FAD1-04010CBJW11 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
40x40x10mm
FAD1-04010 Series
Volt.
(VDC)
Current
(A)
Power
(W)
Rated
Speed
(rpm)
Model No.
FAD1-04010B AW11
FAD1-04010B LW11
FAD1-04010B MW11
FAD1-04010B HW11
FAD1-04010B JW11
FAD1-04010C AW11
FAD1-04010C LW11
FAD1-04010C MW11
FAD1-04010C HW11
FAD1-04010C JW11
FAD1-04010D AW11
FAD1-04010D LW11
FAD1-04010D MW11
FAD1-04010D HW11
FAD1-04010D JW11
0.050
0.070
0.110
0.160
0.190
0.040
0.060
0.060
0.090
0.090
0.020
0.030
0.040
0.060
0.080
0.25
0.35
0.55
0.80
0.95
0.48
0.72
0.72
1.08
1.08
0.48
0.72
0.96
1.44
1.92
3300
4200
4800
6000
6800
3300
4200
4800
6000
6800
3300
4200
4800
6000
6800
Maximum
AirFlow
0.093
0.119
0.142
0.175
0.198
0.093
0.119
0.142
0.175
0.198
0.093
0.119
0.142
0.175
0.198
3.300
4.200
5.000
6.200
7.000
3.300
4.200
5.000
6.200
7.000
3.300
4.200
5.000
6.200
7.000
5
5
5
5
5
12
12
12
12
12
24
24
24
24
24
(CMM)
(CFM)
Maximum Static
Pressure
0.044
0.060
0.078
0.100
0.170
0.044
0.060
0.078
0.100
0.170
0.044
0.060
0.078
0.100
0.170
1.117
1.524
1.981
2.540
4.318
1.117
1.524
1.981
2.540
4.318
1.117
1.524
1.981
2.540
4.318
(InAq)
(mmAq)
Noise
Level
(dB/A)
14.0
21.0
22.0
26.0
29.0
14.0
21.0
22.0
26.0
29.0
14.0
21.0
22.0
26.0
29.0
Weight
(g)
17.0
17.0
17.0
17.0
17.0
17.0
17.0
17.0
17.0
17.0
17.0
17.0
17.0
17.0
17.0
ISO-9001 Company
www.qualtekusa.com
DC AXIAL FAN
* Indicates “B” (Ball Bearing), “A” (1B1S), “S” (Sleeve), or “H” (Hydro Dynamic)
*
Qualtek
Electronics Corporation
*
*
*
Noise is measured at the distance of one (1) meter from the axis of intake.
Motor: Brushless DC
Motor Protection: Impedance Protected
Bearing Type: Two Ball, 1B1S, Sleeve, or Hydro Dynamic
Connection: UL 1007 AWG 26, 300mm Wire Leads
Impeller Material: Plastic UL94V-0
Operating Temp:
Two Ball: -10°C~70°C
1B1S: -10°C~70°C
Sleeve: -10°C~60°C
Hydro Dynamic: -10°C~70°C
Features:
Frame Material: Plastic UL94V-0
Life Expectancy:
Two Ball: 70,000 Hours
1B1S: 50,000 Hours
Sleeve: 30,000 Hours
Hydro Dynamic: 50,000 Hours
*
*
*
*
*
*
*
*
*
*
*
A
J
Fan-S Division


Similar Part No. - FAD1-04010CBJW11

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FAD1-04010VB QUALTEK-FAD1-04010VB Datasheet
1,023Kb / 1P
   DC AXIAL FAN
More results

Similar Description - FAD1-04010CBJW11

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBF4010G05H DUBILIER-DBF4010G05H Datasheet
127Kb / 1P
   DC COOLING FAN 40x40x10mm
logo
CoolCox Limited All rig...
BF4010L05S COOLCOX-BF4010L05S Datasheet
340Kb / 1P
   DC Blower Fan 40x40x10mm
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
   DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
   DC AXIAL FAN
logo
ebm-papst
63142TDHHP015 EBMPAPST-63142TDHHP015_16 Datasheet
292Kb / 4P
   DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
   DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
   DC AXIAL FAN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com