Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPS-200-27 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PPS-200-27
Description  200W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PPS-200-27 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PPS-200-27 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PPS-200-27 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
PPS-200-5
PPS-200-12
PPS-200-15
PPS-200-24
PPS-200-27
PPS-200-48
MODEL
DCVOLTAGE
RATEDCURRENT
RATEDPOWER(convection)
RATEDPOWER (20.5CFMFAN)
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
PACKING
OVERLOAD
OVERVOLTAGE
OVERTEMPERATURE
ACCURRENT (Typ.)
5V
12V
15V
24V
27V
48V
36A
16.6A
13.3A
8.3A
7.4A
4.167A
0~26A
0~36A
0~12.5A
0~16.6A
0~10A
0~13.3A
0~6.25A
0~5.56A
0~3.13A
0~8.3A
0~7.4A
0~4.167A
130W
180W
150W
199.2W
150W
199.5W
150W
150W
150W
199.2W
199.8W
200W
100mVp-p
100mVp-p
100mVp-p
150mVp-p
150mVp-p
250mVp-p
4.5~5.5V
10.8~13.2V
13.5~16.5V
21.6~26.4V
24.3~30V
43.2~52.8V
4.0%
3.0%
3.0%
2.0%
2.0%
2.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1200ms,60ms/230VAC2500ms,60ms/115VACatfullload
90~264VAC127~370VDC
11ms/230VAC/115VACatfullload
47~63Hz
PF>0.93/230VACPF>0.98/115VACatfullload
86%
89%
89%
89%
89%
90%
2.2A/115VAC1.2A/230VAC
COLDSTART 70A/230VAC
<2mA /240VAC
105~135% ratedoutputpower
5.6~7.25V
110
5
(
)d
TSW1
etectonheatsinkofpowertransistor
13.8~16.2V
17.25~20.25V
27.6~32.4V
31.05~36.45V
57.6~67.2V
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)
,
ClassB EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,lightindustrylevel,criteria A
-20~+70
(Referto"DeratingCurve")
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.05%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
108.4Khrsmin.MIL-HDBK-217F(25
)
127*76.2*34.6mm(L*W*H)
0.37Kg; 36pcs/14.3Kg/0.79CUFT
200WSingleOutputwithPFCFunction
P P S - 2 0 0 series
Universal AC input / Full range
Built-in active PFC function
High efficiency up to 90% (typ)
Protections: Short circuit / Overload / Over voltage /
PWM control and regulated
High power density 9.78W/inch
5"x3" compact size
ZVS technology to reduce power dissipation
Free air convection for 150W and 200W with 20.5 CFM forced air
3 years warranty
3
Over temperature
Built-in remote sense function
Features :
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
SAFETY &
EMC
(Note4)
PROTECTION
ENVIRONMENT
CURRENTRANGE(convection)
CURRENTRANGE(20.5CFMFAN)
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
NOTE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Heat Sink HS1,HS2 can not be shorted.
6. Length of set up time is measured at cold first start. Turning ON/OFF the power supply very quickly may lead to increase of the set up time.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
FileName:PPS-200-SPEC2011-05-31
EMCIMMUNITY
EMCEMISSION


Similar Part No. - PPS-200-27

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PPS-200-27 MEANWELL-PPS-200-27 Datasheet
328Kb / 2P
   200W Single Output with PFC Function
logo
XP Power Limited
PPS-200-27 XPPOWER-PPS-200-27 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
logo
RSG Electronic Componen...
PPS-200-27 RSG-PPS-200-27 Datasheet
204Kb / 2P
   200W Single Output with PFC Function
More results

Similar Description - PPS-200-27

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PPS-200-5 XPPOWER-PPS-200-5 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-200 MEANWELL-PPS-200 Datasheet
328Kb / 2P
   200W Single Output with PFC Function
HRP-200 MEANWELL-HRP-200 Datasheet
370Kb / 2P
   200W Single Output with PFC Function
EPP-200 MEANWELL-EPP-200 Datasheet
566Kb / 4P
   200W Single Output with PFC Function
logo
Astrodyne Corporation
SP-200 ASTRODYNE-SP-200 Datasheet
314Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-200 MEANWELL-SP-200 Datasheet
327Kb / 2P
   200W Single Output with PFC Function
HRP-200 MEANWELL-HRP-200_11 Datasheet
371Kb / 2P
   200W Single Output with PFC Function
SP-200 MEANWELL-SP-200_10 Datasheet
334Kb / 2P
   200W Single Output with PFC Function
logo
Total Power Internation...
SP-200 TOTAL-POWER-SP-200 Datasheet
367Kb / 2P
   200W Single Output with PFC Function
logo
RSG Electronic Componen...
PPS-200 RSG-PPS-200 Datasheet
204Kb / 2P
   200W Single Output with PFC Function
SP-200 RSG-SP-200 Datasheet
132Kb / 2P
   200W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com